PART |
Description |
Maker |
2SC2458 2SC2458L |
Transistor Silicon NPN Epitaxial Type (PCT process) Audio Amplifier Applications Low Noise Audio Amplifier Applications TRANSISTOR (AUDIO AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
MPS6717RLRA MPS6717_D ON2331 MPS6717 |
One Watt Amplifier Transistor(NPN Silicon) 500 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 One Watt Amplifier Transistor 500 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AE CASE 29?4, STYLE 1 TO?2 (TO?26AA) From old datasheet system
|
ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
KTC3880 KTC3911 |
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, VHF BAND AMPLIFIER) 外延平面NPN晶体管(高频低噪声放大器,甚高频波段放大器) EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
|
KEC Holdings KEC(Korea Electronics)
|
2SA1932 |
POWER AMPLIFIER APPLICATIONS DRIBVER STAGE AMPLIFIER APPLICATIONS TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) POWER AMPLIFIER AND DRIVER STAGE AMPLIFIER APPLICATIONS
|
Toshiba Semiconductor
|
KTC3878 |
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER/ HF/ VHF AMPLIFIER)
|
Korea Electronics (KEC)
|
BD526 BD530 BD528 BD530-5 BD528-5 BD526-5 |
PNP silicon annular amplifier transistor. 10 W, 60 V. PNP silicon annular amplifier transistor. 10 W, 80 V. PNP silicon annular amplifier transistor. 10 W, 100 V. PNP SILICON AMPLIFIER TRANSISTORS 进步党硅晶体管放大器
|
MOTOROLA[Motorola, Inc] Motorola Inc Motorola Mobility Holdings, Inc.
|
UPA827 UPA827TF UPA827TF-T1 PA827TF |
High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5179 THIN-TYPE SMALL MINI MOLD
|
NEC Corp.
|
ENA1126 FH105A |
NPN Epitaxial Planar Silicon Composite Transistor High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
|
Sanyo Semicon Device
|
2SC3777 |
NPN Epitaxial Planar Silicon Transistor UHF Oscillator, Mixer, Low-Noise Amplifier, Wide-Band Amplifier Applications
|
SANYO
|
2SC4617T1G |
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
2SC3772 C3772 |
2SC3772 NPN Epitaxial Planar Silicon Transistor UHF Oscillator, Mixer, Low-Noise Amplifier, Wide-Band Amplifier Applications
|
Sanyo Semicon Device
|