PART |
Description |
Maker |
2SC4617T1G |
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
MPS6717-D |
One Watt Amplifier Transistor NPN Silicon Small Signal Amplifier NPN
|
ON Semiconductor
|
2SC3583-R35 |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
|
Renesas Electronics Corporation
|
BC33825 BC33740 BC337 BC33840 BC33716 BC33725 BC33 |
Switching and Amplifier Applications Suitable for AF-Driver stages and low power output stages RES 220 OHMS 1% 1/4W 1206 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 SWITCHING AND AMPLIFIER APPLICATIONS 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
KTD1510 |
Triple Diffused NPN Transistor(Hign Power Amplifier,Darlington Transistor)(涓???╂?NPN?朵?绠★?澶у????澶у???揪??】?朵?绠★?)
|
KEC Holdings
|
UPA800T UPA800T-T1 UPA800T-KB |
2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 2 CHANNEL, L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
|
NEC[NEC]
|
BFS481 Q62702-F1572 |
From old datasheet system NPN Silicon RF Transistor (For low-noise/ high-gain broadband amplifier at collector currents from 0.5 to 12 mA) NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA) 2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
SIEMENS A G SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2N2060A |
Dual Amplifier Transistor(Small Signal Dual Transistor in a TO-77 Hermetic Package具有放大器功能的双晶体管(TO-77封装两个小信号晶体管 双放大器晶体管(双小信号晶体管采用TO - 77气密封装)(具有放大器功能的双晶体管(至77封装两个小信号晶体管)) DUAL AMPLIFIER TRANSISTOR 500 mA, 60 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, MO-002AF
|
Central Semiconductor, Corp. TT electronics Semelab, Ltd. Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2SC2230 2SC2230A 2SC2230AGR |
TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 100MA I(C) | TO-92VAR Transistor Silicon NPN Triple Diffused Type (PCT Process) HIGH VOLTAGE GENERAL AMPLIFIER AND COLOR TV CLASS B SOUND OUTPUT APPLICATIONS
|
TOSHIBA
|