PART |
Description |
Maker |
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
KTC3878 KTC3883 |
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH FREQUENCY/ VHF BAND AMPLIFIER) EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, HF, VHF AMPLIFIER)
|
KEC[KEC(Korea Electronics)]
|
2SC3906K 2SC4102 2SC2389S |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) High-voltage Amplifier Transistor(120V 50mA) Transistors
TRANSISTOR|BJT|NPN|120VV(BR)CEO|50MAI(C)|SOT-23VAR
High-voltage Amplifier Transistor(120V/ 50mA) High-voltage Amplifier Transistor(120V, 50mA) 高电压放大器晶体管(120伏特0mA的)
|
Toshiba Semiconductor ROHM[Rohm] Rohm Co., Ltd.
|
2SA1899 2SA1899O |
TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | SC-71 TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) POWER AMPLIFIER AND DRIVER STAGE AMPLIFIER APPLICATIONS
|
TOSHIBA
|
2SA1425 2SA1425Y |
TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | SC-71 TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS
|
TOSHIBA
|
2SA1225 2SA1225Y |
TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 1.5A I(C) | TO-251AA Transistor Silicon PNP Epitaxial Type (PCT process) Power Amplifier Applications Driver Stage Amplifier Applications
|
TOSHIBA
|
MMBTA05 |
EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
|
KEC[KEC(Korea Electronics)]
|
KTC3878 |
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER/ HF/ VHF AMPLIFIER)
|
Korea Electronics (KEC)
|
2SC3774 |
NPN Epitaxial Planar Silicon Transistor UHF Low-Noise Amplifier, Wide-Band Amplifier Applications
|
SANYO
|
2SA817A E000600 |
TRANSISTOR (DRIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS) 晶体管(驱动级,电压放大器应用) TRANSISTOR (DRIVER STAGE/ VOLTAGE AMPLIFIER APPLICATIONS) DRIVER STAGE AMPLIFIER APPLICATIONS VOLTAGE AMPLIFIER APPLICATIONS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
ENA1126 FH105A |
NPN Epitaxial Planar Silicon Composite Transistor High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
|
Sanyo Semicon Device
|