PART |
Description |
Maker |
EN3096A 2SC4489T-AN |
Bipolar Transistor Bipolar Transistor High breakdown voltage, large current capacity
|
ON Semiconductor
|
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
BUX13 |
5V, 500mA low drop voltage regulator Bipolar NPN Device in a Bipolar NPN Device in a Metal Package
|
Seme LAB
|
TC1269-30VUA TC1269-33VUA TC1269-50VUA TC1269 TC12 |
The TC1269 is a fixed output, high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Total supply current is typically 50A at full load (20 to 60 times lower than in bipolar regulators!). TC1269 key The TC1269 is a fixed output, high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Total ... 300mA CMOS LDO with Shutdown and VREF Bypass 300mA的CMOS LDO稳压器具有关断和VREF绕道
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
MC33076DR2 MC330761 MC33076P1 MC33076-D |
Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
|
ON Semiconductor
|
TC2015 TC2014 |
The TC2014, TC2015, and TC2185 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators such as the LP2980. Total supply current is typically 55A (20 to 60 times lower than in bipolar regulators!).
|
Microchip
|
OM5262SA OM5262SW |
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
List of Unclassifed Manufacturers
|
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MAX5023 MAX5023ASA MAX5023-MAX5024 MAX5024 MAX5024 |
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with P Reset and Watchdog Timer " 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?P Reset and Watchdog Timer" 65V Low-Quiescent-Current High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V / Low-Quiescent-Current / High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with レP Reset and Watchdog Timer 65V、低静态电流、高压线性稳压器,带有微处理器复位及看门狗定时器 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO8 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?? Reset and Watchdog Timer
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|