PART |
Description |
Maker |
LTC3527EUDTRPBF |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters; Package: QFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.8 A DUAL SWITCHING CONTROLLER, 2800 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
MIC2238-GSYML MIC2238-521YML MIC2238-AAYML MIC2238 |
2.5MHz Dual Phase PWM Buck Regulator Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A DUAL SWITCHING CONTROLLER, 2875 kHz SWITCHING FREQ-MAX, PDSO12
|
Micrel Semiconductor, Inc.
|
LTC3407A-2-15 |
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3417AEDHCTR LTC3417AEFETR |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 A DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX1572 MAX1572ETC250 MAX1572ETC MAX1572ETC075 MAX |
"800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET-bar"
|
MAXIM INTEGRATED PRODUCTS INC http:// MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
EP5388QI |
800mA Synchronous Buck Regulator
|
Enpirion
|
LTC3538 |
800mA Synchronous Buck-Boost DC/DC Converter
|
Linear Technology Corporation
|