PART |
Description |
Maker |
TA20401201DH TA20401203DH POWEREXINC-C430F TC20172 |
1884 A, SCR 4396 A, SCR 2198 A, SCR 471 A, SCR 549.5 A, SCR 78.5 A, 200 V, SCR 1570 A, SCR 196.25 A, SCR 1256 A, SCR 863.5 A, SCR 235.5 A, SCR 392.5 A, SCR 1413 A, SCR 125.6 A, 500 V, SCR 1177.5 A, SCR
|
POWEREX INC
|
ST300C16C0 ST300C18C0 ST300C12C0 ST300C04C0 ST300C |
Stratix FPGA 25K FBGA-780 2000V 650A Phase Control SCR in a TO-200AB (E-Puk) package 400V 650A Phase Control SCR in a TO-200AB (E-Puk) package 1200V 650A Phase Control SCR in a TO-200AB (E-Puk) package 1800V 650A Phase Control SCR in a TO-200AB (E-Puk) package 1600V 650A Phase Control SCR in a TO-200AB (E-Puk) package
|
International Rectifier
|
T7000425 T7002025 T7000225 T7001335 T7002235 T7000 |
Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 1200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1800 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 2000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 600 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 第一阶段控制晶闸管(250-350安培200-2200伏特 Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 2200 V, SCR
|
Powerex Power Semicondu... Powerex Power Semiconductor... PHOENIX CONTACT Deutschland GmbH Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
MP02HBN175-12 |
1200V phase control dual SCR, SCR/diode modules
|
Dynex Semiconductor
|
MP02X130 MP02X130-16 MP02X130-18 MP02X130-20 |
MB 32C 32#20 PIN RECP Phase Control Dual SCR, SCR/Diode Modules
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
C180C500 C180B500 C180EX500 C180MX500 C180M500 |
300 A, 500 V, SCR Phase Control SCR 190 Amperes Average 600 Volts 600V, 190A phase control single thyristor
|
POWEREX INC Powerex Power Semiconductors
|
ST180S12P0 ST180S12P0V ST180S12P1 ST180S12P1V ST18 |
From old datasheet system PHASE CONTROL THYRISTORS 1800V 200A Phase Control SCR in a TO-209AB (TO-93C) package 1200V 200A Phase Control SCR in a TO-209AB (TO-93) package 1600V 200A Phase Control SCR in a TO-209AB (TO-93C) package 2000V 200A Phase Control SCR in a TO-209AB (TO-93C) package
|
IRF[International Rectifier]
|
C431T2 C431E1 C431E2 C431M1 C431M2 C431N1 C431N2 C |
SIGN, FIRE DOOR KEEP SHUT, 100X100; RoHS Compliant: NA Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 950 A, 1300 V, SCR Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 950 A, 1000 V, SCR Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 950 A, 1600 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
ST230S12P0V ST230S14P0 ST230S16P0 ST230S04P0V ST23 |
1200V 230A Phase Control SCR in a TO-209AB (TO-93) package 1400V 230A Phase Control SCR in a TO-209AB (TO-93C) package 1600V 230A Phase Control SCR in a TO-209AB (TO-93C) package 400V 230A Phase Control SCR in a TO-209AB (TO-93) package 800V 230A Phase Control SCR in a TO-209AB (TO-93) package
|
International Rectifier
|
40TPS16 |
PHASE CONTROL SCR 相位控制可控 1600V 35A Phase Control SCR in a TO-247AC package
|
International Rectifier, Corp.
|
16TTS08FP 16TTS08STRL 16TTS08STRR 16TTS12FP 16TTS1 |
SURFACE MOUNTABLE PHASE CONTROL SCR PHASE CONTROL SCR TO-220 FULLPAK
|
IRF[International Rectifier]
|
ST180C20C0L ST180C20C1L ST180C20C0 ST180C20C2L ST1 |
PHASE CONTROL THYRISTORS 相位控制晶闸 1800V 350A Phase Control SCR in a TO-200AA (A-Puk) package 1200V 350A Phase Control SCR in a TO-200AA (A-Puk) package 2000V 350A Phase Control SCR in a TO-200AA (A-Puk) package
|
International Rectifier, Corp. IRF[International Rectifier]
|