PART |
Description |
Maker |
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
MMPQ2222 |
500 mA, 30 V, 4 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON SEMICONDUCTOR
|
JAN2005J |
500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
PDTD123YT215 |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
FMB2227AD87Z |
500 mA, 30 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD SEMICONDUCTOR CORP
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
VMO40-05P1 VMO60-05F VMO650-01F |
41 A, 500 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET ECOPAC-4 High dv/dt, Low-trr, HDMOS-TM Family 60 A, 500 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-240AA 690 A, 100 V, 0.0018 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
SS9013 |
NPN epitaxial silicon transisitor 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
SG2001J SG2013J SG2002J SG2002L SG2012L SG2011L SG |
Driver - Medium Current Array; Package: DIP; 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Driver - Medium Current Array; Package: DIP; 600 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Driver - Medium Current Array; Package: LCC; 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Driver - Medium Current Array; Package: LCC; 600 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Microsemi, Corp.
|
BSS73CSM BSS73CSM-QR-B |
Bipolar NPN Device in a Hermetically sealed LCC1 500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Seme LAB SEMELAB LTD
|
|