PART |
Description |
Maker |
EC30AL32-5.36MH EC30AL30-1.87MH EC30AL31-3.83MH EC |
1 ELEMENT, 5360 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1870 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3830 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4020 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3240 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1430000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 118000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2490 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 53600 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 19600 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 24300 uH, GENERAL PURPOSE INDUCTOR
|
|
TC1043CEQR TC1043 TC1043CEQRTR |
The TC1043 is a mixed-function device combining two general purpose op amps, two general purpose comparators, and a voltage reference ... The TC1043 is a mixed-function device combining two general purpose op amps, two general purpose comparators, and a voltage reference in a single 16-Pin package. This increased integration allows the user to replace two or three packages, Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
|
MICROCHIP[Microchip Technology]
|
EC30AL42464 EC30AL301.87 EC30AL301.82 EC30AL3518.2 |
1 ELEMENT, 464000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1870 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1820 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 18200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 20000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 22600 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 26100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4020 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4420 uH, GENERAL PURPOSE INDUCTOR
|
|
2200HT-330-H-RC 2200HT-180-H-RC 2200HT-1R2-V-RC 22 |
Inductor, Toroidal 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1.2 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 12UH 15% HORZ 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 100UH 15% HORZ 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR High Temperature, High Current Toroid Inductors
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
9250A-184-RC 9250A-107-RC 9250A-331-RC 9250A-333-R |
CHOKE RF MOLDED 180UH FERRITE 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 100000UH FERRITE 1 ELEMENT, 100000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .33UH PHENOLIC 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 33UH FERRITE 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.5UH IRON 1 ELEMENT, 1.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 39000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3300UH FERRITE 1 ELEMENT, 3300 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 470 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 150UH FERRITE 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 8200UH FERRITE 1 ELEMENT, 8200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 6800UH FERRITE 1 ELEMENT, 6800 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 82UH FERRITE 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 22000UH FERRITE 1 ELEMENT, 22000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .15UH PHENOLLIC 1 ELEMENT, 0.15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 33000UH FERRITE CHOKE RF MOLDED 1000UH FERRITE
|
Bourns, Inc. BOURNS INC
|
KSE350 |
High Voltage General Purpose Applications
|
Fairchild Semiconductor
|
BAS31D87Z |
High Voltage General Purpose Diode
|
Fairchild Semiconductor
|
2N1893 |
GENERAL PURPOSE HIGH-VOLTAGE TYPE
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
BAS21D87Z |
General Purpose High Voltage Diode
|
Fairchild Semiconductor
|
MMBD1401A MMBD1403A MMBD1404A MMBD1405A MMBD1405 |
High Voltage General Purpose Diode
|
FAIRCHILD[Fairchild Semiconductor]
|
|