PART |
Description |
Maker |
74HC373 74HCT373 74HCT373D 74HC373D 74HC373PW 74HC |
Octal D-type transparent latch;3-state(D透明锁存器;三态;) 八路D型透明锁存器,3态(透明锁存器,三 Octal D-type transparent latch 3-state Octal D-type transparent latch;
3-state From old datasheet system 74HC/HCT373; Octal D-type transparent latch; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74VHCT373A ON1751 MC74VHCT373AM MC74VHCT373ADT M |
From old datasheet system OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT Octal D-Type Latch (TTL Compatible)
|
ONSEMI[ON Semiconductor]
|
MM74HCT373 MM74HCT373WM MM74HCT373SJ MM74HCT373MTC |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per 3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TC74VHCT573AF TC74VHCT573AFT TC74VHCT573AFW E00876 |
From old datasheet system OCTAL D - TYPE LATCH WITH 3-STATE OUTPUT OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
|
TOSHIBA[Toshiba Semiconductor]
|
74LV373 74LV373D 74LV373DB 74LV373N 74LV373PW 74LV |
From old datasheet system Octal D-type transparent latch (3-State) Octal D-type transparent latch 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74LCX373 74LCX373TTR 74LCX373M 74LCX373MTR |
D-TYPE LATCH NON INVERTING WITH 5V TOLERANT INPUT AND OUTPUT OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers And Line Drivers With 3-State Outputs 20-TSSOP -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 锁存
|
MC74VHC574 MC74VHC574DT MC74VHC574DW MC74VHC574M O |
From old datasheet system OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT Octal D-Type Flip-Flop with 3-State Output
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
DM74ALS533 DM74ALS533WM DM74ALS533N DM74ALS533WMX |
Octal D-Type Transparent Latches with 3-STATE Outputs Octal D-Type Transparent Latch with 3-STATE Outputs From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74ABT573APWDH 74ABT573A 74ABT573AD 74ABT573ADB 74A |
Octal D-type transparent latch (3-State) Octal D-type transparent latch 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|