PART |
Description |
Maker |
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
5962F9854101VXC ACS244MS ACS244D 5962F9854101VRC A |
Buffer/Line Driver, Non-Inverting, Octal, Tri-State Rad-Hard, Advanced Logic, CMOS Radiation Hardened Non-Inverting/ Octal/ Three-State Buffer/Line Driver Radiation Hardened
Non Inverting, Octal, Three-State Buffer/Line Driver(抗辐射同相、八路三态缓冲器/线驱动器) Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, UUC22 CONTACT RACK & PANEL SOLDERTAIL AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20 Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20
|
Intersil Corporation Intersil, Corp.
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
M74HC367 M74HC367B1R M74HC367C1R M74HC367F1R M74HC |
HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER (3-STATE) HEX BUS BUFFER (3-STATE) HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER 3-STATE HC367 NON INVERTING / HC368 INVERTING 8-Bit, 10 us DAC, Serial Input, Quad DAC, Pgrmable 1x or 2x Output, Simultaneous Update 14-SOIC 0 to 70 HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING 六角总线缓冲器的三态非反相HC367,HC368反相
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
MM74C240 MM74C240N MM74C240WM MM74C244N MM74C244WM |
Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
5962F9854001VRC ACS240HMSR-02 ACS240DMSR-02 ACS240 |
Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, CDFP20 Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, UUC20 Radiation Hardened Inverting/ Octal/ Three-State Buffer/Line Driver Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
|
Intersil, Corp. Intersil Corporation
|
74ABT16240A 74ABT16240ADGG 74ABT16240ADL BT16240AD |
16-bit inverting buffer/driver (3-State) Octal bus transceivers 20-SO 0 to 70 16-bit inverting buffer/driver 3-State ABT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MM74HC240 MM74HC240MTC MM74HC240N MM74HC240SJ MM74 |
Inverting Octal 3-STATE Buffer
|
Fairchild Semiconductor
|
MC74HC540A-D MC74HC540ADTR2 MC74HC540ADWR2 MC74HC5 |
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS Octal 3-State Inverter Buffer/Line Driver/Line Receiver
|
ON Semiconductor
|
CD54AC541F3A CD54ACT541F3A |
Octal Buffer/Line Driver Three-State, Non-Inverting
|
INTERSIL[Intersil Corporation]
|
ACTS244K |
Radiation Hardened Octal Non-Inverting Three-State Buffer
|
Intersil
|
74F540PC |
Octal Buffer/Line Driver with 3-STATE Outputs (Inverting)
|
Fairchild Semiconductor
|