PART |
Description |
Maker |
AS7C31024B AS7C31024B-20TJCN AS7C31024B-10JC AS7C3 |
8-Bit Parallel-Out Serial Shift Registers 14-TSSOP -40 to 85 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 8-Bit Parallel-Out Serial Shift Registers 14-TSSOP -40 to 85 128K X 8 STANDARD SRAM, 12 ns, PDSO32 8-Bit Parallel-Out Serial Shift Registers 14-SO -40 to 85 Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 Replaced by SN74LV165A : Parallel-Load 8-Bit Shift Register 16-TSSOP -40 to 85 Replaced by SN74LV165A : Parallel-Load 8-Bit Shift Register 16-SOIC -40 to 85 Replaced by SN74LV165A : Parallel-Load 8-Bit Shift Register 16-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
MM74HC597 MM74HC597M MM74HC597N MM74HC597SJ |
1.5 A 280kHz/560kHz Boost Regulators; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16 From old datasheet system 8-Bit Shift Registers with Input Latches
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HER154 HER158 HER151 HER152 HER153 HER155 HER156 H |
Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 高效整流二极 8-Bit Binary Counters With 3-State Output Registers 20-LCCC -55 to 125 高效整流二极 8-Bit Shift Registers With 3-State Output Registers 20-LCCC -55 to 125 高效整流二极 Hex Schmitt-trigger Inverters 14-CDIP -55 to 125 HIGH EFFICIENT RECTIFIER DIODES
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
54LS164 |
8-Bit Parallel-Out Serial Shift Registers
|
Motorola
|
HD74LS164 74LS164 |
8-Bit Parallel-Out Serial-In Shift Registers
|
HITACHI[Hitachi Semiconductor]
|
74AHCT164S14-13 |
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
|
Diodes
|
HD74LS195A SN74LS19 74LS195 |
4-bit Parallel-Access Shift Registers
|
HITACHI[Hitachi Semiconductor]
|
HCF4014 4898 HCF4014M013TR HCF4014BEY HCF4014BM1 |
8-STAGE STATIC SHIFT REGISTERS SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER From old datasheet system 8-STAGE STATIC SHIFT REGISTERS
|
ST Microelectronics STMicroelectronics
|
74HC595 |
8-Bit Shift Registers W ith Latched 3-State Output
|
Wing Shing Computer Components
|