PART |
Description |
Maker |
MLD1N06CL MLD1N06CLT4 MLD1N06CLT4G |
SMARTDISCRETES MOSFET 1 Amp, 62 Volts, Logic Level N Channel DPAK(智能MOSFET) SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N−Channel DPAK
|
ON Semiconductor
|
MLD2N06CLT4 MLD2N06CLT4G MLD2N06CL MLD2N06CLG |
SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N−Channel DPAK SMARTDISCRETES MOSFET 2 Amp, 62 Volts, Logic Level N Channel DPAK(智能MOSFET)
|
http:// ONSEMI[ON Semiconductor]
|
MLD1N06CL MLD1N06CLT4G |
SMARTDISCRETES MOSFET 1 Amp, 62 Volts, Logic Level
|
ON Semiconductor
|
MLP2N06CL-D |
SMARTDISCRETES MOSFET 2 Amps, 62 Volts, Logic Level N-Channel TO-220
|
ON Semiconductor
|
ISL6610CRZ ISL6610CBZ ISL6610 ISL6610A ISL6610ACBZ |
Dual Synchronous Rectified MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 4 A BUF OR INV BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
MGP20N14CL-D |
SMARTDISCRETES Internally Clamped, N-Channel IGBT
|
ON Semiconductor
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
ISL6620AIBZ ISL6620ACRZ ISL6620AIRZ ISL6620CBZ ISL |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R 4 A AND GATE BASED MOSFET DRIVER, PDSO10 VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 4 A AND GATE BASED MOSFET DRIVER, PDSO8 VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 4 A AND GATE BASED MOSFET DRIVER, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ISL6313CRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
HIP4082IBZT |
80V/1.25A Peak Current Full Bridge FET Driver; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO16
|
Intersil, Corp.
|
LTC1156CNPBF |
Quad High Side Micropower MOSFET Driver with Internal Charge Pump; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C 4 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDIP16
|
Linear Technology, Corp.
|
EDI7C32128C90EC EDI7C32128C60EQ |
15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R X32号,闪存EEPROM模块 15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-PDIP
|
EPCOS AG
|