PART |
Description |
Maker |
AT49F002A AT49F002AN AT49F002ANT AT49F002AT |
AT49F002A(N)(T) [Updated 8/03. 19 Pages] 256K x 8 (2M bit). 5-Volt-Only. Top or Bottom Boot Parametric Block Flash 256K x 8 (2M bit), 5-Volt-Only, Top Boot Parametric Block Flash 256K x 8 (2M bit), 5-Volt-Only, Bottom Boot Parametric Block Flash
|
Atmel
|
91MCE66 91MCE1-S1 91MCE16 91MCE16P1BQ 91MCE2 91MCE |
Limit Switch is an Addition th the Existing CE Series Limit Swithes
|
Honeywell Solid State Electronics Center
|
MAX9951FCC MAX9952 MAX9952FCCB MAX9951 MAX9951FCCB |
(MAX9951 / MAX9952) Dual Per-Pin Parametric Measurement Units
|
MAXIM[Maxim Integrated Products]
|
AT49F002T |
256K x 8 (2M bit), 5-Volt-Only, Top Boot Parametric Block Flash
|
Atmel
|
AD5520 EVAL-AD5520EB AD5520JST AD5520JST-REEL |
Per Pin Parametric Measurement Unit/Source Measure Unit Per-pin Parametric Measurement Unit / Source Measure Unit
|
Analog Devices, Inc.
|
NIF62514 NIF62514T1 NIF62514T3 |
Self-protected FET, Current and Temp Limit, 42V clamp, ESD, SOT-223 Self-protected FET with Temperature and Current Limit
|
ONSEMI[ON Semiconductor]
|
E20-00M E14-00M E14-00A E13-00K E13-00H THECHERRYC |
SWITCH SNAP 20A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.32mm, PANEL MOUNT SWITCH SNAP 25A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6.81mm, PANEL MOUNT SWITCH SNAP SPDT 25A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3.81mm, PANEL MOUNT SWITCH ROLLER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SWITCH LEVER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 19.2mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 7.32mm, PANEL MOUNT 5 current ratings
|
ZF Electronics, Corp. THE CHERRY CORP Cherry Semiconductor Co...
|
AD53508 |
Dual Channel Parametric Measurement Circuit With Five Current Measurement Ranges And Output Voltage Range Of -4V to 9V
|
Analog Devices
|
AD5520JST AD5520JST-REEL |
Per-pin Parametric Measurement Unit / Source Measure Unit
|
Analog Devices
|
PAM8008 PAM8008DR |
3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION 3W STEREO FILTERLESS CLASS-D AUDIO AMPLIFIER WITH DC VOLUME CONTROL AND POWER LIMIT
|
Diodes Incorporated
|
D388-A8AA D388-A8KA D388-A8KL D388-A8LD D388-A8ML |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.7mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 21.9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.5mm, PANEL MOUNT
|
THE CHERRY CORP
|
|