PART |
Description |
Maker |
MCW1000 MCW1011 MCW1012 MCW1013 MCW1021 MCW1022 MC |
2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
|
Total Power International
|
MIW152X |
(MIW1500 Series) 3 Watts 2 :1 Wide Input Range DC/DC Converters
|
Total Power International
|
MKW2637 MKW2600 MKW2600A MKW2621 MKW2622 MKW2623 M |
15 Watts 4:1 Wide Input Range DC/DC Converters 154:1宽输入范围DC / DC转换
|
Electronic Theatre Controls, Inc. TOTAL-POWER[Total Power International]
|
MDW1032 MDW1033 MDW1034 MDW1035 |
2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
|
Total Power Internation...
|
HAE200 |
HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 255 Watts
|
Power Mate Technology Co., LTD
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
BSR57 BSR56 BSR58 |
N-CHANNEL FETS RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts
|
NXP Semiconductors Philips Semiconductors
|
BSS38 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts NPN SILICON TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
PD40-12 PD40-23 PD40-24 PD40-25 PD40-30 PD40-31 PD |
40-110 WATTS WIDE INPUT
|
Powerbox
|