PART |
Description |
Maker |
LB8632 LB8632V |
Low-Voltage/Low-Saturation Camera Motor Driver Low-Voltage/Low-Saturation相机马达驱动
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y |
CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6 CMV7106低功耗,低电压运算放大器和RRIO和关机,采用SOT23 - 6 Operational Amplifier Low voltage OPAMP with RPIO
|
California Micro Device... California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
2SC4854 2SC4854-5 2SC4854-4 |
晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一c)|36AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Voltage Low-Current High-Frequency Amp Applications Low-Voltage, Low-Current High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
AT22LV10 AT22LV10L AT22LV10L-30GM AT22LV10-20JL AT |
500 gate low voltage PLD, low power, 24 and 28 pins, 3V 30NS, OTP, CERDIP, MIL TEMP(EPLD) Low-voltage UV From old datasheet system AT22LV10(L) [Updated 8/99. 12 Pages] 500 gate low voltage PLD. standard & low power. 24 pins OT PLD, 20 ns, PQCC28 OT PLD, 25 ns, PQCC28
|
Atmel Corporation N/A
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
LA8632 LA8632M |
Low-voltage / Low-current Compander Monolithic Linear IC Low-voltage, Low-current Compander Low-voltage, Low-curent Compander
|
SANYO[Sanyo Semicon Device]
|
LD2985AM50R LD2985AM40R LD2985BXX50 LD2985BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ??????浣?
|
ILE4264-2 |
5-V/100MA LOW POWER LOW-DROP FIXED-VOLTAGE REGULATOR WITH LOW CURRENT CONSUMPTION
|
IK Semicon Co., Ltd
|
BYT230PIV1200 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible 与独立二极管组成的阵列|模块
|
STMicroelectronics N.V.
|
5962R0250401HXC |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC至DC转换
|
Vishay Intertechnology, Inc.
|
BZT52C10 BZT52C10-7 BZT52C11 BZT52C11-7 BZT52C12 B |
SURFACE MOUNT ZENER DIODE Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset 16-TSSOP -40 to 85 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|