PART |
Description |
Maker |
BAS16-02 BAS16-02L BAS16-03 BAS16-07L4 BAS16U BAS1 |
General Purpose Diodes - Silicon Switching Diode for high-speed switching Latest Silicon Discretes - Switching Diode for high speed switching Silicon Switching Diode 硅开关二极管
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
1N3062 1N3064 1N3063 1N3062-15 |
SILICON SWITCHING DIODE 0.075 A, 75 V, SILICON, SIGNAL DIODE, DO-35 Leaded Silicon Diode Switching
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
BZG03_3 BZG03-C20T/R BZG03-C91/T3 BZG03-C91T/R BZG |
36 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 240 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 24 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 47 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 10 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 180 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 110 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: QSOP; No of Pins: 24; Temperature Range: Industrial 120 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: None Available; No of Pins: 24; Temperature Range: Industrial 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 11 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 16 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 18 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 1 Amp Synchronous, Step-Down DC-to-DC Converter; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: Industrial 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 270 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 91 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 From old datasheet system
|
NXP Semiconductors N.V.
|
CMEDA-6I |
SURFACE MOUNT SUPERmini MONOLITHIC, ISOLATED SILICON QUAD SWITCHING DIODE ARRAY 0.25 A, 4 ELEMENT, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp.
|
CMPD3003C CMPD3003A CMPD3003S CMPD300310 CMPD3003C |
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE 0.6 A, 180 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Central Semiconductor Corp
|
CMAD6001 CMAD6001TR |
SURFACE MOUNT SILICON ULTRA LOW LEAKAGE SWITCHING DIODE 0.25 A, 100 V, SILICON, SIGNAL DIODE
|
Central Semiconductor Corp
|
BAS116LT1D BAS116LT3G BAS116LT1G |
Switching Diode Switching Diod 0.2 A, 75 V, SILICON, SIGNAL DIODE, TO-236AB
|
ON Semiconductor
|
FMMD6050 |
SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE 0.2 A, SILICON, SIGNAL DIODE
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
BAV70 Q68000-A6622 |
Silicon Switching Diode Array (For high-speed switchingFor high-speed switching) 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
M1MA142KT1G M1MA141KT1 M1MA142KT1 M1MA141K M1MA142 |
SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT Single Switching Diode
|
ONSEMI[ON Semiconductor]
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
HVD131 |
Diodes>Switching Silicon Epitaxial Planar Pin Diode for Antenna Switching
|
Renesas Electronics Corporation
|
|