PART |
Description |
Maker |
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
74LCX240 74LCX24004 74LCX240MTR 74LCX240TTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
MC74LCX244DWG MC74LCX244DTG MC74LCX244DTR2G MC74LC |
Low-Voltage CMOS Octal Buffer
|
ON Semiconductor
|
MC74LVQ240SD MC74LVQ240 MC74LVQ240DT MC74LVQ240DW |
LOW-VOLTAGE CMOS OCTAL BUFFER
|
MOTOROLA[Motorola, Inc]
|
MC74LCX240 MC74LCX240DT MC74LCX240DW MC74LCX240M M |
From old datasheet system LOW-VOLTAGE CMOS OCTAL BUFFER
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
MC74LCX540DTR2G MC74LCX540DTG MC74LCX540DWR2G MC74 |
Low-Voltage CMOS Octal Buffer Flow Through Pinout
|
ON Semiconductor
|
74LVX541TTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.)WITH 5V TOLERANT INPUTS
|
ST Microelectronics
|
74LCX24404 |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics
|
74LVX541MTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.)WITH 5V TOLERANT INPUTS
|
SGS Thomson Microelectronics
|
MC74LCX125 MC74LCX125D MC74LCX125DT MC74LCX125SD M |
LOW-VOLTAGE CMOS QUAD BUFFER LVC/LCX/Z SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 LOW-VOLTAGE CMOS QUAD BUFFER 低电压CMOS四路缓冲
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] http://
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74LVQ244 4687 74LVQ244T 74LVQ244M |
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED From old datasheet system LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON-INVERTED)
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|