PART |
Description |
Maker |
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
74LCX02TTR 74LCX02MTR 74LCX02 74LCX02M |
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS 低电压CMOS Quad使用5V容限输入2输入或非 CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUT
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MC74LCX08MELG |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V−Tolerant Inputs LVC/LCX/Z SERIES, QUAD 2-INPUT AND GATE, PDSO14
|
ON Semiconductor
|
74LVX03M |
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) LOGIC GATE|QUAD 2-INPUT NAND|LVX-CMOS|SOP|14PIN|PLASTIC 逻辑门|输入与非| LVX全CMOS |专科| 14PIN |塑料
|
SGS Thomson Microelectronics Bourns, Inc.
|
74LVQ02MTR 74LVQ02TTR 74LVQ0204 74LVQ02 |
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
|
STMicroelectronics
|
MC74LCX158 |
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
|
Motorola, Inc
|
74LVX02TTR |
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
|
SGS Thomson Microelectronics
|
MC74LVQ02 MC74LVQ02D MC74LVQ02DT MC74LVQ02M MC74LV |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
|
Motorola, Inc
|
74LVX00MTR 74LVX00TTR |
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
|
ST Microelectronics
|
74LVC08A |
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
|
ST Microelectronics
|