PART |
Description |
Maker |
CD216AXXX CD216A-B130L CD216A-B120LLF CD216A-B140R |
MITE Chip Diode Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
|
ETC Electronic Theatre Controls, Inc.
|
TLV117112DCYT TLV117112DCYR TLV117115DCYR TLV11711 |
<font color=red>[Old version datasheet]</font> 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
|
TI store
|
150L 150KSR 45LR 150LRSERIES 150KSRSERIES 45LRSERI |
Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 标准恢复二极50A Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits STANDARD RECOVERY DIODES 150A STANDARD RECOVERY DIODES Stud Version CAP .039UF 250/275VAC ECQ-UL
|
International Rectifier
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MKP1841-M |
C-values 470 pF - 4.7 μF, Voltage 250 - 2000 VDC, Low losses, High current and pulse load, Mini version, PCM 7.5-37.5
|
Vishay
|
MC68HLC98LJ12CPB MC68HC08LJ12 MC68HC08LJ12CFB MC68 |
low-voltage version of the MC68HC908LJ12 Addendum to MC68HC908LJ12 Technical Data
|
FREESCALE[Freescale Semiconductor, Inc]
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
AND8139D NL17SV16XV5T2 AND8139 NL17SV00XV5T2 NL17S |
2-Input OR Gate, Ultra-Low Voltage Non Inverting Buffer, Ultra Low Voltage Single 2-Input NOR Gate, Ultra-Low Voltage Single 2-Input NAND Gate, Ultra-Low Voltage ULTRA-LOW VOLTAGE MINIGATE DEVICES SOLVE 1.2 V INTERFACE PROBLEMS
|
ONSEMI[ON Semiconductor]
|
TPS79901-EP |
<font color=red>[Old version datasheet]</font> 200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
|
TI store
|
L88M00TSERIES L88M33T L88M00T L88M09T L88M0XT L88M |
Voltage Regulators: 5V low-saturation voltage regulator 3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator 3.32 V.5低压降稳压器 3.3 to 12 V / 0.5 A Low Dropout Voltage Regulator Monolithic Linear IC Voltage Regulators: 12V low-saturation voltage regulator Voltage Regulators: 3.3V low-saturation voltage regulator
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|