PART |
Description |
Maker |
C505C SAFC505C-2RM SABC505C-LM SAFC505C-LM SAKC505 |
8-Bit Microcontrollers - General Description: The C505C enhances the C500 family of 8-bit Microcontrollers by a new member which provides full CAN version 2.0 B integrated on-chip. The C505C meets the current requirements for increasingly
|
Infineon
|
AT91R40807 AT91R40807-33AI AT91R4080702 AT91R40807 |
ARM? Thumb? Microcontrollers AT91 ARM Thumb Microcontrollers 32-BIT, MROM, 33 MHz, RISC MICROCONTROLLER, PQFP100
|
ATMEL[ATMEL Corporation] Atmel, Corp.
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
MB89589B MB89585BW MB89585B MB89583BW MB89583B E71 |
F2MC-8L/Low Power/Low Voltage Microcontrollers Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product From old datasheet system 8-bit Proprietary Microcontrollers
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
MB95108AM MB95108AMPFM MB95108AMPFV MB95F104AJS MB |
8-bit Proprietary Microcontrollers(8浣?井?у??? 8-bit Proprietary Microcontrollers 8-BIT, FLASH, 16.25 MHz, MICROCONTROLLER, PQFP64
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu, Ltd.
|
AT91SAM7X128-AU AT91SAM7X512-CU AT91SAM7X512-AU AT |
AT91 ARM Thumb-based Microcontrollers 32-BIT, FLASH, 55 MHz, RISC MICROCONTROLLER, PBGA100 AT91 ARM Thumb-based Microcontrollers AT91上ARM的拇指型微控制器
|
Atmel Corp. Atmel, Corp.
|
S3C8274 S3F8274 S3F8278 |
(S3F827x) 8-BIT CMOS MICROCONTROLLERS (S3C827x) 8-BIT CMOS MICROCONTROLLERS
|
Samsung semiconductor
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
P83C366CBP P83C366BDR P83C266BDR |
Microcontrollers for PAL/SECAM TV with OSD and VST(OSDVST的在PAL/SECAM TV中应用的微控制器) Microcontrollers for PAL/SECAM TV with OSD and VST 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PDIP42
|
NXP Semiconductors N.V.
|
MCP1623T-I_CHY MCP1624-I_CHY MCP162310 MCP1624T-I_ |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology Inc.
|