PART |
Description |
Maker |
E0C63P366 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,Rewritable ROM,Segment LCD Driver,On-Board Writing
|
爱普生(中国)有限公
|
E0C33A104 |
32-Bit Single Chip Microcomputer Composed of a CMOS 32-Bit RISC core, RAM, DMA Contoller,Timers,Other Circuits(32位单片微计算机(含CMOS 32位RISC核芯,RAM,DMA控制器,定时器,其他电路
|
爱普生(中国)有限公
|
E0C6262 |
CMOS 4-Bit Single Chip Microcomputer Composed of Core CPU E0C6200A, ROM, RAM,Time Base Counter,SVD circuit,Serial Interface,,Programmable Timer
|
爱普生(中国)有限公
|
E0C62T3 |
CMOS 4-Bit Single Chip Microcomputer Composed of Core CPU E0C6200A,DTMF/DP Generator,SVD Circuit,LCD Driver(4位CMOS单片微型计算机(含E0C6200A中央处理器核芯,DTMF/DP发生
|
爱普生(中国)有限公
|
GPLW5V060STRT003 GPLC2V5100MTRT001 GPLC2V5100MTRT0 |
LEO Series Industry’s Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
|
GALAXY[Galaxy Power, Inc.]
|
AT89C5130A-PUTIM AT89C5130A-RDTIM AT89C5130A-RDTUM |
Global Limit Switches Series GLS: Top Roller Plunger, 2NC Slow Action, 20 mm 8-bit Flash Microcontroller with Full Speed USB Device 8位闪存微控制器全速USB设备 8-bit Flash Microcontroller with Full Speed USB Device 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP64
|
Atmel Corp. Atmel, Corp.
|
LNJ080V6BRAA |
We call the area which is composed by the above points Rank of chromaticity
|
Panasonic Semiconductor
|
LPC2141FBD64 LPC2148FBD64 LPC2146 LPC2146FBD64 LPC |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
|
PHILIPS[Philips Semiconductors]
|
LPC2388FBD144 |
Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
LPC236110 |
Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
PS-117L PS-117D |
Paper sensors(photo switches are composed of a modulated infrared emitting)
|
Kondenshi Corp KODENSHI[KODENSHI KOREA CORP.] KODENSHI[Kodenshi Corp] KODENSHI CORP.
|
EQ-731L |
EQ-731L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
|
Asahi Kasei Microsystems
|