PART |
Description |
Maker |
MB89W857CF-ES-BND MB89P857P-SH MB89W857C-SH MB8985 |
8-bit Proprietary Microcontroller 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CDIP64 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDIP64 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
MB90634A MB90632A MB90634APF MB90632APF MB90632APF |
9-Bit Bus-Interface D-type Latches With 3-State Outputs 24-CDIP -55 to 125 16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 16-bit Proprietary Microcontroller 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
W78L32 W78L32-24 W78L32F-24 W78L32P-24 |
8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQFP44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 From old datasheet system
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|
UPD78056YGC-XXX-3B9 UPD78054YGC-XXX-3B9 UPD78053YG |
8-BIT MICROCONTROLLER 16 M-BIT DYNAMIC RAM 2M-WORD BY 8-BIT,EDO 8-BIT SINGLE-CHIP MICROCONTROLLER 8位微控制
|
NEC TOKIN America Inc. NEC TOKIN, Corp.
|
W78L54 W78L54-24 W78L54F-24 W78L54P-24 W78154 |
8-BIT Microcontroller(8位的微控制器) 8位微控制器(8位的微控制器 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQCC44 From old datasheet system
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
W79E227APG W79E225A |
8-BIT MICROCONTROLLER 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8位微控制
|
Winbond Electronics, Corp.
|
SAK-XC2285M-56F80L XC2286M-104FXXL XC2287M-72FXXL |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144 16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
|
INFINEON TECHNOLOGIES AG Infineon Technologies A...
|
AT89LP52-20AU AT89LP52-20JU AT89LP51 AT89LP51-20AU |
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44
|
ATMEL Corporation Atmel, Corp.
|
|