PART |
Description |
Maker |
KLCS-47E KMP47C1660F KMP47C1660N KMP47C1237N KMP47 |
4-BIT MICROCONTROLLERS 4位微控制 (KMP47C1xx) 4-BIT MICROCONTROLLERS (KMP47C421 - KMP47C423) 4-BIT MICROCONTROLLERS
|
Korea Electronics (KEC) KEC Holdings KEC[KEC(Korea Electronics)] http://
|
MC68HLC98JK1EIDW MC68HLC98JL3EIDW MC68HLC98JK3EIDW |
(MC68HC908Jxxx) Microcontrollers Microcontrollers 微控制器
|
Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
SAF-C508-4RM SAF-C508-4EMAA |
8-Bit Microcontrollers - 32-KBytes ROM, -40/85 degC 8-Bit Microcontrollers - OTP
|
Infineon
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
SAB-C504-2R24M SAB-C504-2RM SAB-C504-LM SAB-C504-L |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for extended temperature ranges
|
Infineon
|
EVK-SH3000USB SH3003IMLTRT SH3000UM SH3000EK |
MicroBuddy庐 Support IC for Microcontrollers MicroBuddy? Support IC for Microcontrollers
|
Semtech Corporation
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
PIC16F873A-I/SO PIC16F873A-I/SP PIC16F876A PIC16F8 |
28/40-pin Enhanced FLASH Microcontrollers 28/40-pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology Inc.
|
SABC515C-LM SAFC515C-LM SABC515C-8EM SABC515C-8RM |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (10MHz)
|
Infineon
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
S3C8274 S3F8274 S3F8278 |
(S3F827x) 8-BIT CMOS MICROCONTROLLERS (S3C827x) 8-BIT CMOS MICROCONTROLLERS
|
Samsung semiconductor
|
MCP1624-I_CH MCP1623T-I_CH MCP1624T-I_CH MCP1624T- |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology
|