PART |
Description |
Maker |
MC3399008 MC33990D/DR2 MCZ33990EF/R2 MCZ33990EF_R2 |
Enhanced Class B Serial Transceiver
|
Freescale Semiconductor, Inc
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
Z8523016VEG Z8523020VSG Z8523020PSG |
Enhanced Serial Communications Controller
|
Zilog, Inc.
|
MC33390DDR2 MC33390D 33390 MCZ33390EF MCZ33390EFR2 |
Class B Serial Transceiver
|
FREESCALE[Freescale Semiconductor, Inc]
|
HI-3584PQTF HI-3584CJIF HI-3584PQI HI-3584PQI-10 H |
Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
|
HOLTIC[Holt Integrated Circuits]
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MD-7EM |
Class 1 Bluetooth Stereo Audio Module for High Performance Telephony Headsets, Enhanced Audio Applications, other A/V Applications
|
Electronic Theatre Controls, Inc.
|
MAX512 MAX512CPD MAX512CSD MAX512EPD MAX512ESD MAX |
From old datasheet system Stereo Class-AB Audio Amplifier with Stereo Headphone Drive and I2C Control 24-HTSSOP -40 to 85 CAP 331PF 25V CERAMIC X7R 0201 Low-Cost / Triple / 8-Bit Voltage-Output DACs with Serial Interface Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 70 us SETTLING TIME, 8-BIT DAC, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SMART700DV |
SmartPro .7kVA Line Interactive UPS SNMPWEBCARD option, Tower, USB, Serial, EPO, 120/230V input, 120V output - enhanced runtime version
|
List of Unclassifed Manufac...
|
MAX97001EWP MAX97001 |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
|
Maxim Integrated Produc... Maxim Integrated Products
|