PART |
Description |
Maker |
PC33887VW/R2 MC33887DWB/R2 MC33887PNB/R2 MC33887DH |
5.0 A H-Bridge with Load Current Feedback 5.0 A H-Bridge with Load Current Feedback
|
Motorola, Inc. Motorola Inc
|
MC33887DHR2 |
5.0 A H-Bridge with Load Current Feedback
|
Freescale Semiconductor, Inc
|
TDA8943SF |
6 W mono Bridge Tied Load BTL audio amplifier
|
NXP Semiconductors
|
TDA8946 |
2 x 15 W stereo Bridge Tied Load BTL audio amplifier
|
NXP Semiconductors
|
AN452 |
LOAD CURRENT SENSING IN SWITCH-MODE BRIDGE MOTOR DRIVING CIRCUITS
|
SGS Thomson Microelectronics
|
ISL6334IRZ ISL6334CRZ ISL6334AIRZ ISL6620 ISL6620A |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
|
Intersil Corporation
|
ISL6334AR5368 ISL6334AIRZ-TR5368 ISL6334ACRZ-TR536 |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
AQV414SX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Picked from the 1/2/3-pin side
|
Matsushita Electric Works(Nais)
|
AQV414AX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. I/O isolation: 1.500 V AC. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin
|
Matsushita Electric Works(Nais)
|
FTD2015 |
Load Switching Applications 负荷开关应 N-Channel Silicon MOSFET Load Switching Applications
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|