PART |
Description |
Maker |
MC1321108 MC13211 MC13212 MC13213 |
ZigBee垄芒- Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE垄莽 802.15.4 Standard plus Microcontroller ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE庐 802.15.4 Standard plus Microcontroller ZigBee? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE? 802.15.4 Standard plus Microcontroller
|
Freescale Semiconductor, Inc
|
ATR2406 ATR2406-PNQG ATR2406-DEV-BOARD ATR2406-PNS |
The ATR2406 is a single chip RF-transceiver intended for applications in the 2.4 GHz ISM band. The QFN32 packaged IC is a complete ... LOW IF .4 GHZ ISM TRANSCEIVER
|
ATMEL[ATMEL Corporation]
|
AT86RF231-ZF AT86RF231-ZU09 |
Low Power 2.4 GHz Transceiver for ZigBee
|
ATMEL Corporation
|
MC13191 |
2.4 GHz ISM Band Low Power Transceiver
|
Freescale (Motorola)
|
13201 MC13201 MC1320108 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
Freescale Semiconductor, Inc
|
MC1320207 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
MC13201 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
FREESCALE[Freescale Semiconductor, Inc]
|
MC13180 PC13180FC |
2.4 GHz Low Power Wireless Transceiver IC for Bluetooth⑩ Applications
|
MOTOROLA[Motorola, Inc]
|
UPB1502GR UPB1502GR1 UPB1502GR1-E1 UPB1502GR-E1 |
1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129 1.7千兆 2.0 GHz的低功耗双分频DIVIDED-BY-64/65,一百二十九分之一百二十八 1.7 GHz/ 2.0 GHz Low-Power Two-Modulus Prescaler(1.7GHz 2.0GHz 定标
|
NEC, Corp. NEC Corp.
|
ADF7242 ADF7242BCPZ-RL EVAL-ADF7242DB1Z |
Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
|
Analog Devices
|
MC13212R2 |
ZigBee? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE? 802.15.4 Standard plus Microcontroller
|
Freescale Semiconductor, Inc
|
PE9304_06 9304-00 9304-01 9304-11 PE9304 PE930406 |
1- 7 GHz Low Power CMOS Divide-by-2 Prescaler 1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
|
Peregrine Semiconductor Cor... PEREGRINE[Peregrine Semiconductor Corp.] Peregrine Semiconductor...
|