PART |
Description |
Maker |
TA060-180-25-20 |
6 ~ 18 GHz 20dBm Low Noise Amplifier
|
Transcom, Inc.
|
MAX2240EBL MAX2240 |
2.5GHz, 20dBm Power Amplifier IC in UCSP Package
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IMIZ9975 IMIZ9975CA Z9975CA |
3.3V, 150MHz, Multi-Output Zero Delay Buffer Clocks and Buffers : Clock Distribution Clocks and Buffers 时钟和缓冲器
|
Cypress Semiconductor, Corp.
|
LC865608 LC865616 LC865620 LC865624 LC865628 |
Octal Buffers/Drivers With 3-State Outputs 20-PDIP -40 to 85 8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85
|
Sanyo Electric Co.,Ltd.
|
IDT54FCT827CE IDT74FCT827A IDT54FCT827BL IDT74FCT8 |
SWITCH ROTARY SPDT SIDE 6' 高性能CMOS缓冲 HIGH-PERFORMANCE CMOS BUFFERS 高性能CMOS缓冲 HIGH-PERFORMANCE CMOS BUFFERS FCT SERIES, 10-BIT DRIVER, TRUE OUTPUT, CQCC28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
EL5427CRZ-T7 EL5127 EL5127CY EL5127CY-T13 EL5127CY |
2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers 12 BUFFER AMPLIFIER, QCC32 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers OCTAL BUFFER AMPLIFIER, QCC24 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers QUAD BUFFER AMPLIFIER, PDSO10 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ICS9248-56 ICS9248YG-56-T ICS9248YG-56LF-T ICS9248 |
Peripheral IC 外围芯片 100 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO28 4.40 MM, 0.65 MM PITCH, TSSOP-28 20-Bit Buffers/Drivers With 3-State Outputs 56-TSSOP -40 to 85 Frequency Generator & Integrated Buffers Frequency Timing Generator for Pentium II Systems BX Mobile Main Clock with Real Time Spread, Supports 66.6 - 100MHz
|
TE Connectivity, Ltd. Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
ICS9250-25 ICS9250YF-25-T ICS9250YF-25LF-T |
Frequency Generator & Integrated Buffers for Celeron & PII/III?/a> Frequency Generator & Integrated Buffers for Celeron & PII/III⑩ DS3/E3/STS-1 Mini Octal Transformer 153.33 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 0.300 INCH, SSOP-56
|
ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|
ICS9250-30 ICS9250YF-30-T |
Frequency Generator & Integrated Buffers for Celeron & PII/III 频率发生 Frequency Generator & Integrated Buffers for Celeron & PII/III?/a> Frequency Generator & Integrated Buffers for Celeron & PII/III⑩ Integrated Circuit Systems
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems] 4
|
M54HC125 M54HC125B1R M54HC125C1R M54HC125F1R M54HC |
QUAD BUS BUFFERS 3-STATE QUAD BUS BUFFERS (3-STATE) From old datasheet system
|
STMicroelectronics ST Microelectronics SGS Thomson Microelectronics
|
HD74HC244 HD74HC244P |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs) Buffer/Driver
Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|