PART |
Description |
Maker |
MAX9930EUAT MAX9932EUAT MAX9933EUAT MAX9931EUAT MA |
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector 2 MHz - 1600 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
Maxim Integrated Products
|
LTC3527EUD-PBF LTC3527EUD-TRPBF |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology
|
LT1930 LT1930A |
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
|
Linear Technology
|
EL7516IYZ- EL7516IYZ-T7 EL7516IY-T7 EL7516 EL7516I |
International Rectifier 600kHz/1.2MHz PWM Step-Up Regulator 600kHz/1.2MHz PWM升压调节
|
15 IRF[International Rectifier] International Rectifier, Corp.
|
EL7516 |
600kHz/1.2MHz PWM Step-Up Regulator(600kHz/1.2MHz PWM升压稳压
|
Intersil Corporation
|
LTC4400-1ES6 LTC4400-2EMS8 LTC4400-1 LTC4400-2 LTC |
RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SPECIALTY TELECOM CIRCUIT, PDSO8 RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C SPECIALTY TELECOM CIRCUIT, PDSO6
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
SY58036U SY58036UMG |
6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION 6GHz1:6 400mV的的LVPECL扇出缓冲器与2:1 MUX输入和内部终 6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION 58036 SERIES, LOW SKEW CLOCK DRIVER, 6 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), QCC32
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
LTC3527EUDTRPBF |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters; Package: QFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.8 A DUAL SWITCHING CONTROLLER, 2800 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
PE3CA1010 |
Operate from DC to 6GHz
|
Pasternack Enterprises,...
|
PE3CA1002 |
Operate from DC to 6GHz
|
Pasternack Enterprises,...
|
TA020-060-30-33 |
2 ~ 6GHz 33dBm PowerAmplifier
|
Transcom, Inc.
|