PART |
Description |
Maker |
LT3461 LT3461A LT3461ES6 LT3461AES6 LT3461ES6PBF L |
1.3MHz Step-Up DC/DC Converter in ThinSOT 1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.6 A SWITCHING REGULATOR, 1700 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
ADS-943 ADS-943_883 ADS-943G_883 ADS-943GC ADS-943 |
14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
|
ETC
|
LTC3402 LTC3402EMS LINEARTECHNOLOGYCORP-LTC3402EMS |
From old datasheet system LTC3402, 2A, 3MHz Micropower Synchronous Boost Converter SMPS CONTROLLER,CURRENT-MODE,CMOS,TSSOP,10PIN,PLASTIC 3MHz, 2A Micropower Synchronous Boost Converter
|
Linear Technology Corp
|
LBN07097 |
70MHz SAW Filter 13.35MHz Bandwidth
|
SIPAT Co,Ltd
|
TA0229A |
SAW Filter 2157.5 MHz 35MHz Bw SMD 3.0 x 3.0 mm
|
TAI-SAW TECHNOLOGY CO.,...
|
TY0128A |
Crystal Filter SMD 7x7 73.35MHz
|
TAI-SAW TECHNOLOGY CO., LTD.
|
CX3SM |
Extensional mode resonator, 760kHz to 1.35MHz
|
EUROQUARTZ limited
|
LBT94303 |
942.5MHz SAW Filter 35MHz Bandwidth
|
SIPAT Co,Ltd
|
CX2SM |
Extensional mode resonator, 760kHz to 1.35MHz
|
EUROQUARTZ limited
|
PAM2304BKFADJ |
3MHz, 1A STEP-DOWN DC-DC CONVERTER
|
Diodes
|
AOZ1615 |
1.5A/3MHz Buck Regulator
|
Alpha & Omega Semiconductor...
|