PART |
Description |
Maker |
MAX8711ETE MAX8712ETC MAX8710ETG MAX8761ETG |
Low-Cost, Linear-Regulator LCD Panel Power Supplies
|
Maxim Integrated Products
|
5962-8751503JX 5962-8751502JX 5962-8751504JX 5962- |
Evaluation Kit for the MAX8716 Dynamically Adjustable 6-Bit VID Step-Down Controller Low-Cost, Linear-Regulator LCD Panel Power Supplies Evaluation Kit for the MAX8717 Simplified Multichemistry SMBus Battery Charger Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers High-Voltage, Low-Power Linear Regulators for Notebook Computers Evaluation Kit for the MAX8713 x8 EPROM x8存储
|
API Delevan
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADP3308 ADP3308ART-27 ADP3308ART-285 ADP3308ART-29 |
anyCAP?/a> 50 mA Low Dropout Linear Regulator anyCAP⑩ 50 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator anyCAP50 mA Low Dropout Linear Regulator AB 9C 1#12 8#16 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-19 RoHS Compliant: No
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8383ACPZ AD8383 |
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver LIQUID CRYSTAL DISPLAY DRIVER, QCC48 Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver 低成0位,6通道输出液晶DecDriver元气 Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver®
|
Analog Devices, Inc. AD[Analog Devices]
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADP3309ART-3-REEL ADP3309ART-3-REEL7 ADP3309ART-3. |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Analog IC anyCAP® 100 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator
|
TE Connectivity, Ltd. Analog Devices
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
CS8120YDPR5 CS8120YDR14 CS8120YN8 CS8120YTVA5 CS81 |
5V, 300mA Linear Regulator with RESETbar and ENABLEbar 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP
|
ON Semiconductor
|
IRU1010CY IRU1010CP IRU1010CD IRU1010CS IRU1010CDT |
1A Adj LDO Linear Regulator in a SOT-223 3-Leads package 1A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 1A低压差型正,可调式稳压器
|
IRF[International Rectifier] International Rectifier, Corp.
|
LT3021 LT3021-1.2 LT3021-1.8 LT3021EDH-1.5 LT3021E |
500mA, Low Voltage, Very Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16
|
Linear Technology, Corp. http:// Linear Technology Corporation LINER[Linear Technology]
|
APL531230S5I-TRG APL531209 APL531215BI-TRG APL5312 |
FIXED POSITIVE LDO REGULATOR, PDSO5 Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
|
ANPEC ELECTRONICS CORP Anpec Electronics Coropration
|