PART |
Description |
Maker |
MAX8630YETD15_T MAX8630Y MAX8630YETD15T MAX8630ZET |
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
MAX1673 MAX1673ESA 1825 |
Regulated, 125mA Output, Charge Pump DC-DC Inverter From old datasheet system Regulated, 125mA-Output, Charge-Pump DC-DC Inverter Regulated / 125mA-Output / Charge-Pump DC-DC Inverter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
RT9385B |
5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
|
Richtek Technology Corporation
|
MAX1686 MAX1686H |
3V to 5V Regulating Charge Pumps for SIM Cards
|
MAXIM - Dallas Semiconductor
|
MAX1910 MAX1910EUB MAX1912 MAX1912EUB |
1.5x/2x High-Efficiency White LED Charge Pumps
|
MAXIM[Maxim Integrated Products]
|
TC1240AECHTR TC1240I_CHTR TC1240 TC1240A TC1240AEC |
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
|
MICROCHIP[Microchip Technology]
|
MAX8645YETI |
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN LED DISPLAY DRIVER, QCC28
|
Maxim Integrated Products, Inc.
|
PI74ALVCH1622601SV PI74ALVCH1622601SA |
18-Bit Bus Transceiver Doubler Charge Pumps with Low Noise Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 18位总线收发
|
Fairchild Semiconductor, Corp.
|
AAT3113 AAT3114 AAT3114ISN-20-T1 AAT3113ISN-20-T1 |
High Efficiency 1.5x Fractional Charge Pump for White LED Applications High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MAX1680 MAX1680ESA MAX1681ESA MAX1681C_D MAX1680C_ |
125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Contact Rating:50mA at 12VDC; Leaded Process Compatible:Yes; Mounting Type:PCB 125mA / Frequency-Selectable / Switched-Capacitor Voltage Converters
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ACI-E096250-1884 |
I-DRIVE, 24 WATT LED DRIVER (Dual Channel 96V, 0-125mA)
|
Applied Concepts Inc.
|
CDSUR4448 |
Small Signal Switching Diodes, V-RRM=100V, V-R=80V, P-D=200mW, I-F=125mA
|
Comchip Technology
|