PART |
Description |
Maker |
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD8278BRZ-R7 AD8278BRZ-RL AD8278BRMZ AD8278BRMZ-R7 |
Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = ?, 2 Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 篓枚, 2
|
Analog Devices
|
AD8277BRZ-RL |
Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers; Package: 14-pin; Temperature Range: -40°C to 125°C DUAL INSTRUMENTATION AMPLIFIER, 200 uV OFFSET-MAX, 0.55 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
A321ERW |
Low Cost, Wide Input, 3W Single & Dual Output DC/DC Converters
|
MicroPower Direct, LLC
|
D215ERW D219ERW D228ERW D233ERW D218ERW D227ERW D2 |
Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MAX17598 MAX17598ATE |
Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
|
Maxim Integrated Products Maxim Integrated Produc...
|
AD8602AR AD8602DR AD8601ART-R2 AD8601ART-REEL AD86 |
DigiTrim™ Dual Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DigiTrim™ Single Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths OP-AMP, 7000 uV OFFSET-MAX, 8.2 MHz BAND WIDTH, PDSO5 DigiTrim™ Quad Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 7000 uV OFFSET-MAX, 8.2 MHz BAND WIDTH, PDSO14 DigiTrim™ Single Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 7000 uV OFFSET-MAX, 8.2 MHz BAND WIDTH, PDSO5 Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
2SC4481 2SA1701 |
Ouputs from a Single Supply; 2:1 Wide Range Voltage Input; 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low profile LOW-FREQUENCY GENERAL-PURPOSE AMP APPLICATIONS
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
TLE4242G07 |
Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
|
Infineon Technologies AG
|
LTC2321HUFD-16TRPBF |
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|