PART |
Description |
Maker |
MAX6710UT-T MAX6710IUT MAX6700UT-T MAX6710BUTT MAX |
Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX16028TPT MAX16026TE MAX16025TE MAXIMINTEGRATEDP |
Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits 3-CHANNEL POWER SUPPLY MANAGEMENT CKT, QCC24 Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, QCC16
|
Maxim Integrated Products, Inc.
|
2SA1900T100Q MAX1600112 MAX1600012 MAX1600212 MAX1 |
Bipolar Small Signal PNP 50V 1A SO-89 Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset 监控电路,带有I2C串行K位CMOS EEPROM和手动复 Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 监控电路,带有I2C串行CMOS EEPROM的,精密复位控制器和看门狗定时器 Cascadable Amplifier 10 to 1200 MHz
|
Maxim Integrated Products ON Semiconductor
|
MCP100T-270I_TT MCP100T-300I_TT MCP100T-315I_TT MC |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d CPU / System Supervisors Microcontroller Supervisory Circuit with Push-Pull Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
ADM705 ADM705AN ADM705AR ADM706 ADM706AN ADM706AR |
3 V/ Voltage Monitoring uP Supervisory Circuits Low Cost uP Supervisory Circuits 低成本的监控电路 Low Cost uP Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Low Cost P Supervisory Circuits Low Cost uP Supervisory Circuits
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
6206-35/BXAJC 6206-45/BXAJC 6206-45/BYAJC 6206-100 |
x8 SRAM Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits High-Voltage, Low-Current Voltage Monitors in SOT Packages Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits x8的SRAM
|
ITT, Corp.
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADM6821 ADM6821RART-RL ADM6821RART-RL7 ADM6822LART |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23 Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-High, Push-Pull Reset Output Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Open-Drain Reset Output
|
AD[Analog Devices]
|
MAX6887 MAX6887QETE MAX6888BETE MAX6887ETE MAX6888 |
Hex/Quad, Power-Supply Supervisory Circuits
|
ETC http:// Maxim Integrated Products Maxim Integrated Produc...
|
50007M12LNF 50007M12BSLNF 50007PABSLNF 50007PALNF |
GLAND D/TOP M12 3-6.5MM Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits KABELVERSCHRAUBUNG POLYAMID PG7 GRAU KABELBIEGESCHUTZSPIRALE PG11 GRAU Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits / TOP中M16赛车5 - 10毫米 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits / TOP中M253 - 18毫米 GLAND D/TOP M20 10-14MM
|
3M Company
|