PART |
Description |
Maker |
MAX5064 MAX5062 |
125V/2A, High-Speed, Half-Bridge MOSFET Drivers
|
Maxim
|
MAX15018BASA MAX15019BASA MAX15018AASA MAX15019AAS |
125V/3A, High-Speed, Half-Bridge MOSFET Drivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX15013AASA MAX15013BASA_ MAX15012 MAX15012AASA_ |
175V/2A, High-Speed, Half-Bridge MOSFET Drivers
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
MAX15012 |
175V/2A, High-Speed, Half-Bridge MOSFET Drivers
|
Maxim Integrated Products, Inc.
|
IR2105 IR2105S |
Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-lead SOIC package Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-pin DIP package High Voltage, High Speed Power MOSFET and IGBT Driver
|
IRF[International Rectifier]
|
ISL2110AR4Z ISL2111ARTZ |
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers 4 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PDSO12
|
Intersil, Corp. Intersil Corporation
|
01526 01526-1 |
FUSE, 5AMP, 125V, PCD5 保险丝,5AMP25伏特,PCD5 FUSE 5AMP 125V PCD5 FUSE 5 Amp 125V PCD5
|
Vicor, Corp. VICOR[Vicor Corporation]
|
ADN4694E ADN4692E ADN4695E ADN4690E |
3.3 V, 100 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 2 Receiver 3.3 V, 100 Mbps, Full-Duplex, High Speed M-LVDS Transceiver with Type 1 Receiver 3.3 V, 100 Mbps, Full-Duplex, High Speed M-LVDS Transceiver with Type 2 Receiver 3.3 V, 100 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 1 Receiver
|
Analog Devices
|
GA250TD120U |
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package HALF-BRIDGE IGBT INT-A-PAK Ultra-FastTM Speed IGBT HALF-BRIDGE IGBT DOUBLE INT-A-PAK
|
IRF[International Rectifier]
|
ADM222 ADM222AN ADM222AR ADM232A ADM232AAN ADM232A |
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers High Speed/ 5 V/ 0.1 uF CMOS RS-232 Drivers/Receivers High Speed. 5 V. 0.1 uF CMOS RS-232 Drivers/Receivers 高速5.1超滤的CMOS的RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 LED GREEN DIFFUSED 1X5MM RECT DUAL LINE TRANSCEIVER, PDSO16
|
http:// AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
IR01H420-P2 IR01HD214 IR01D214 IR01D214-P2 IR01D22 |
250V Hi-Voltage Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package HIGH VOLTAGE HALF BRIDGE
|
IRF[International Rectifier]
|