PART |
Description |
Maker |
28C04A-25/L 28C04A-25/P 28C04A-20/L 28C04AF-20/L 2 |
Dual-Phase, Parallelable, Average-Current-Mode Controllers Quad, 8-Bit DAC with Rail-to-Rail Outputs 4A, 20ns, Dual MOSFET Drivers Dual-Phase, Parallelable, Average Current-Mode Controllers x8的EEPROM Voltage-Tracking Controllers for PowerPC, DSPs, and ASICs x8的EEPROM
|
Jameco Electronics
|
5962-9850901NUA 5962-9850901QZC 5962-9850901NTB 59 |
Dual-Phase, Parallelable, Average Current-Mode Controllers Dual-Phase, Parallelable, Average-Current-Mode Controllers
|
|
MAX5037AEMH MAX5037AETH |
4.75 to 5.5 V or 8 to 28 V, VRM 9.0/VRM 9.1, dual-phase, parallelable, average current-mode controller
|
MAXIM - Dallas Semiconductor
|
MAX5037A |
VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
|
MAXIM - Dallas Semiconductor
|
MAX5060ATIT MAX5061AUE MAX5061EUE |
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
|
Maxim Integrated Products MAXIM INTEGRATED PRODUCTS INC
|
RT8876A |
Dual Channel PWM Controller with 3/2/1 Phase for CORE VR and Single Phase for AXG VR
|
Richtek Technology Corporation
|
ISL6366IRZ ISL6366 ISL6366CRZ ISL6610 ISL6610A ISL |
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
ISL6364 ISL6364CRZ ISL6364IRZ ISL6610 ISL6610A ISL |
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
NCP6132ADMNR2G NCP6132AMNR2G NCP6132BMNR2G |
Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|
NCP6121S52MNR2G |
Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|