PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
AD8091 AD8092 AD8092ARM AD8091ART-REEL AD8091ART-R |
Low Cost , High-Speed Rail-to-Rail Amplifiers Enhanced 10-Bit, ADC with Flash Memory From old datasheet system Low-Cost, High-Speed Rail-to-Rail Amplifiers DUAL OP-AMP, 27000 uV OFFSET-MAX, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
FHP3430 |
Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
|
http://
|
FAN4230 |
Dual, High Speed, 3V to 12V, Rail-to-Rail Amplifier
|
Fairchild Semiconductor
|
TS922IDT TS922AID TS922AIDT TS922AIN TS922AIPT TS9 |
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OP-AMPS
|
ST Microelectronics
|
TS922 TS922A TS922I 5150 |
From old datasheet system RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
KBPC1506F KBPC1506FW KBPC1502F KBPC1502FW KBPC1501 |
Dual Low-Noise Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 硅桥式整流器 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 硅桥式整流器 Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125 Silicon-Bridge Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
KBPC1016F_W KBPC1000F_W KBPC1000FW KBPC1001F_W KBP |
Silicon-Bridge Recitifers Rail-To-Rail uPower Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC 0 to 70 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 RES 365K 1% .063W
|
SEMIKRON[Semikron International]
|
TLV2772ID |
<font color=red>[Old version datasheet]</font> 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
|
TI store
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|