PART |
Description |
Maker |
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
PE-51590 PE-92117 PE-92402 PE-92107 |
LT3734 Evaluation Kit LTC2922 Evaluation Kit Low Cost Inductors - Bare Coil and Klipmount Series 低成本的电感裸线圈和Klipmount系列
|
Pulse Engineering, Inc.
|
DS1854EVKIT |
Evaluation Kit for the DS1854, DS1857, DS1858, and DS1859 Fiber Optic Monitor and Control Evaluation Kit
|
MAXIM - Dallas Semiconductor
|
27C256RPDS-30 27C256RPFE-15 27C256RPFE-17 27C256RP |
Video Op Amp Evaluation Kit for the MAX3996 Evaluation Kit for the MAX4060 Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switch Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps Evaluation Kit for the MAX4063 Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps Evaluation Kit for the MAX4000, MAX4001, MAX4002 x8存储 x8 EPROM x8存储 Precision Video Buffer Amplifier x8存储 Ultra-Low Offset Voltage Operational Amplifier x8存储
|
Atmel, Corp. HIROSE ELECTRIC Co., Ltd. Ecliptek, Corp. Vishay Intertechnology, Inc. Superior Electric
|
DS1615K DS1616K 1615K |
Temperature Data Recorder Evaluation Kit From old datasheet system
|
Dallas
|
HFBR-0537 QFBR-5594 HFBR-0527H HFBR-0527P HFBR-152 |
HFBR-1537 · 155 MBd 600nm Transmitter in Vertical Package HFBR-2526 · 155 MBd 600nm Receiver in Horizontal Package HFBR-1527 · 155 MBd 600nm Transmitter in Horizontal Package HFBR-0527P · Evaluation Kit for HFBR-1527 & HFBR-2526 125MBd Data Comm with POF for up to 25 meters HFBR-0527H · Evaluation Kit for HFBR-1527 & HFBR-2526 125MBd Data Comm HCS Fiber for up to 100 meters 125 MBd Transmitter and Receiver Versatile Link Fiber Optic Connection 125 MBd的发射器和接收器通用链路光纤连接 Eval Kit for proprietary data com apps at data rates up to 32 MBd with AN 1121 figs. 3 & 5
|
Agilent (Hewlett-Packard) Yageo, Corp.
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
MAX1556EVKIT MAX1556 |
MAX1556 Evaluation Kit Evaluation Kit for the MAX1556EVKIT
|
MAXIM[Maxim Integrated Products]
|
27C128 10003K 27LC128-12EL 27LC128-12EP 27LC128-12 |
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier x8存储 Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs x8存储 Evaluation Kit for the MAX3766 x8存储 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers x8存储 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers x8存储 LED BLUE 430NM 100MCD 3MM 128K的(16K的8)的CMOS存储 128K (16K x 8) CMOS EPROM 128K的(16K的8)的CMOS存储 MAX3812 Evaluation Kit x8存储 Evaluation Kit for the MAX3804 Precision, Low-Voltage, SPST CMOS Analog Switch Evaluation Kit for the MAX3822 LED HI EFF RED DIFF 0805 SMD Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs LED YELLOW DIFF 1206 SMD LED GREEN DIFF 0805 SMD x8 EPROM Evaluation Kit for the MAX3802 Evaluation Kit for the MAX3803 From old datasheet system 128K (16x8)CMOS EPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MAX5723 MAX5724 MAX5725A MAX5725AEVKIT |
MAX5725A Evaluation Kit Evaluation Kit for the MAX5723, MAX5724, MAX5725A, and MAX5725B
|
Maxim Integrated Products Maxim Integrated Products, Inc.
|
243PC15M 242PC60G 242PC100GS 242PC250G 242PC150GS |
Burst-Mode PON Controller With Integrated Monitoring 工业控制IC Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors 工业控制IC Evaluation Kit for the DS1854, DS1857, DS1858, DS1859 Fiber Optic Monitor and Control Evaluation Kit 工业控制IC Industrial Control IC 工业控制IC
|
Honeywell International, Inc.
|