PART |
Description |
Maker |
ADL5310ACPZ-REEL7 |
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
|
Analog Devices
|
NJG1556KB2 |
1.5GHz/1.9GHz Mixer GaAs MMIC(用于1.5GHz/1.9GHz频带数字移动电话的砷化镓单片微波集成电路混频
|
New Japan Radio Co., Ltd.
|
TA7666P TA7667P |
(TA7666P / TA7667P) 5 Step Logarithmic Dual LED Driver
|
Toshiba
|
SL2524 271 |
1.3GHz Dual Wideband Logarithmic Amplifier From old datasheet system
|
Zarlink
|
PMB2201 |
Mixer DC - 2.5GHz and Vector Modulator 0.8 - 1.5GHz
|
Siemens Semiconductor Group
|
MD59-0044 MD59-0044RTR MD59-0044TR |
Wideband Downconverter 0.7-2.5GHz 宽带变频0.7 - 2.5GHz
|
Weitron International Co., Ltd. MACOM[Tyco Electronics]
|
AD7118 AD7118TQ2 AD7118CQ AD7118TQ AD7118UQ |
17V; 450mW; LOGDAC CMOS logarithmic D/A converter. For digitally controlled AGC systems, audio attenuators, wide dynamic range A/D converters, sonar systems, function generators LOGDAC CMOS Logarithmic D/A Converter PARALLEL, WORD INPUT LOADING, 6-BIT DAC, CDIP16 LOGDAC CMOS Logarithmic D/A Converter LOGDAC的CMOS对数D / A转换 ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0
|
Analog Devices, Inc.
|
AD640J AD640JN AD640JP AD640JP-REEL AD640JP-REEL7 |
120 MHz, 50 dB Demodulating Logarithmic Amplifier 122 x 32 pixel format, LED Backlight available DC-Coupled Demodulating 120 MHz Logarithmic Amplifier LOG OR ANTILOG AMPLIFIER, 145 MHz BAND WIDTH, PQCC20 DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
ISL22102IR20Z ISL22102 |
Dual, Audio, Push-button Controlled Potentiometer (XDCP 32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
|
Intersil Corporation
|
AD7112 AD7112BR |
LC2MOS LOGDAC Dual Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO20 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Dual CMOS Multiplying DAC with Anti-Log Transfer Function for Audio Volume Control Applications
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD7111 AD7111A AD7111ABN AD7111ABR AD7111ACN AD711 |
LC2MOS LOGDAC Logarithmic D/A Converter SOCKET, SEALED PANEL 9 WAY PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CQCC20 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO16 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% LC2MOS LOGDAC对数D / A转换 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP16 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Monolithic Multiplying DAC Featuring Wide Dynamic Range
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
HMC948LP3E |
54 dB, LOGARITHMIC DETECTOR, 1 - 23 GHz
|
Hittite Microwave Corporation
|