PART |
Description |
Maker |
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTC1514-3. LTC1514-5 LTC1514-3.3 LTC1514CS8-3.3 LT |
From old datasheet system Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
|
LINEAR TECHNOLOGY CORP
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
AZ34063P AZ34063MTR-E1 AZ34063P-E1 AZ34063 AZ34063 |
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 0.8A STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
TK653XX |
HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
|
TOKO[TOKO, Inc]
|
AM27C040-90EI AM27C040-200EI AM27C040-150EI AM27C0 |
x8 EPROM Step-Up/Step-Down Switched Capacitor DC/DC Converters with RESET; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 14-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
Rochester Electronics, LLC
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
LTC1515SERIES LTC1515 LTC1515CS8 LTC1515CS8-3_5 LT |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset From old datasheet system
|
LINER[Linear Technology]
|
MAX1878EGC MAX1878 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
MAXIM[Maxim Integrated Products]
|
BD8962MUV |
Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
MAX1774 |
Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover
|
MAXIM - Dallas Semiconductor
|