PART |
Description |
Maker |
MAX3430 MAX3430CPA MAX3430CSA MAX3430EPA MAX3430ES |
/-80 V fault-protected, fail-safe, 1/4-unit load, 3.3 V,RS-485 transceiver 80V Fault-Protected / Fail-Safe / 1/4-Unit Load / #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver 【80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver " /-80V Fault-Protected, 3.3 V Single supply, Fail Safe, 1/4-Unit load, RS-485 Tranceiver." 80V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ??0V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
SP3081E SP3082E SP3080E-3088E SP3085E SP3085EEN SP |
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 5kV ESD-Protected Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, ±15kV ESD-Protected LINE TRANSCEIVER, PDSO14
|
Sipex Corporation http://
|
SP4082EEN-L SP4082EEN-L_TR SP4082EEN_TR SP4082EEN- |
5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 卤15kV ESD-Protected 5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, ±15kV ESD-Protected
|
Exar Corporation
|
ISL81487E ISL81487L |
5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceivers, With Rx/Tx Enables 5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceivers, With Rx/Tx Enables and Low Power SHDN
|
Intersil
|
MAX1482CPD MAX1482EPD MAX1482CSD MAX1482ESD MAX148 |
20?, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
ISL83082E ISL83083E ISL83080E ISL83086E ISL83085E |
卤15kV ESD Protected, 5V, Full Fail-Safe,
Fractional (1/8) Unit Load, RS-485/RS-422
Transceivers
|
INTERSIL
|
SP1486E SP1486EEN-L SP1486EMN-L |
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, ±15kV ESD-Protected
|
Sipex Corporation
|
ISL8487E FN6051 |
1/4 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver From old datasheet system
|
Intersil
|
2004-403 2004-405 2004-407 2004-409 |
KALTGERAET UNIT 5FACH KALTGERAET UNIT 7FACH KALTGERAET UNIT 9FACH KALTGERAET UNIT 3FACH KALTGERAET单位3FACH
|
Molex, Inc.
|
ISL6334AR5368 ISL6334AIRZ-TR5368 ISL6334ACRZ-TR536 |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
AQS210PS |
PhotoMOS relay, multi-function. Optocoupler, darlington, diode bridge. Load voltage 350V AC/DC, load current 120 mA
|
Matsushita Electric Works(Nais)
|
|