PART |
Description |
Maker |
5962-8751305XX 5962-8751304VX 5962-8751307VA 5962- |
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Evaluation Kit for the MAX8538 Evaluation Kit for the MAX8545, MAX8546, MAX8548 x4 SRAM x4的SRAM Evaluation Kit for the MAX8533 x1的SRAM Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias x1的SRAM High-Speed, Wide-Input, Single-Phase MOSFET Driver x4的SRAM Evaluation Kit for the MAX8530, MAX8531 x1的SRAM
|
Bel Fuse, Inc. Diotec Semiconductor AG Honeywell International, Inc.
|
2650D15 2650D05 2650D12 2650MD15 2650S05.2 2650MT1 |
ISDB-T 1- and 3-Segment Low-IF Tuners 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 Evaluation Kit for the MAX2116, MAX2118 模拟IC Direct-Conversion to Low-IF Tuners for Digital Audio Broadcast 模拟IC Evaluation Kit for the MAX2160 模拟IC Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs 模拟IC Evaluation Kit for the MAX2130
|
Littelfuse, Inc. Advanced Interconnections, Corp. Maxim Integrated Products, Inc. Micro Commercial Components, Corp. STMicroelectronics N.V.
|
5962-8751503JX 5962-8751502JX 5962-8751504JX 5962- |
Evaluation Kit for the MAX8716 Dynamically Adjustable 6-Bit VID Step-Down Controller Low-Cost, Linear-Regulator LCD Panel Power Supplies Evaluation Kit for the MAX8717 Simplified Multichemistry SMBus Battery Charger Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers High-Voltage, Low-Power Linear Regulators for Notebook Computers Evaluation Kit for the MAX8713 x8 EPROM x8存储
|
API Delevan
|
MAX6901EVSYS MAX6902EVKIT MAX6901EVKIT |
Evaluation System/Evaluation Kit for the MAX6901 Evaluation System/Evaluation Kit for the MAX6902
|
MAXIM - Dallas Semiconductor
|
MAX2363EVKIT MAX2361EVKIT |
Evaluation Kit for the MAX2363 Evaluation Kit for the MAX2361
|
Maxim
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
5962-87530013A 5962-8753101UX 5962-8753103TX 5962- |
TFT LCD DC-DC Converter with Integrated Charge Pumps 28V Linear Li Battery Charger with Smart Autoboot Assistant High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers Evaluation Kit for the MAX8760 Low-Cost, SMBus, CCFL Backlight Controller Low-Dropout, 300mA Linear Regulator in µMAX X9热卖异步FIFO Evaluation Kit for the MAX8753 保险丝,可编程的PLD Evaluation Kit for the MAX8808 X9热卖异步FIFO Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage Reference 保险丝,可编程的PLD x9 Asynchronous FIFO X9热卖异步FIFO
|
Littelfuse, Inc. Maxim Integrated Products, Inc. Honeywell International, Inc. NIC Components, Corp.
|
B1006 B1001 B1002 B1007 B1004 PE-69301 PE-69300 PE |
HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8960 LT3468ES5/LT3468ES5-1 Evaluation Kit LT3435IFE Evaluation Kit LTC4259A Evaluation Kit HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8921/BT8970 HDSL变压器Brooktree和第一级芯片组- 1/97)匹配:BT8921/BT8970
|
Electronic Theatre Controls, Inc.
|
MAX1168EVC16 |
MAX1168 Evaluation Kit/Evaluation System MAX1168评估评估系统
|
Maxim Integrated Products, Inc.
|