PART |
Description |
Maker |
MAP140_06 MAP140-3000P MAP140-1012 MAP140-1024 MAP |
a full range of options and up to 30 watts more power than comparable products in this industry-standard footprint. Universal Input 85-264 VAC
|
POWER-ONE[Power-One]
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
ISL3180EIBZ ISL3179EFRZ-T ISL3179EIRZ-T ISL3179EFU |
High ESD Protected, 125°C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 10-DFN T&R LINE TRANSCEIVER, PDSO10 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R LINE TRANSCEIVER, PDSO10 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 8-MSOP T&R LINE TRANSCEIVER, PDSO8 ±15kV ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers; Temperature Range: Full-Range Ind; Package: 8-SOIC LINE TRANSCEIVER, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ISL89400ABZ-T |
100V, 1.25A Peak, High Frequency Half-Bridge Drivers; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1.25 A HALF BRDG BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp.
|
SP-200X |
Monacor SP-200X Full Range Speaker
|
Monacor
|
D2700U |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|
P6100-16 |
Supports full range screw-type (locked) AC-in or 24V DC-in
|
Axiomtek Co., Ltd.
|
D3501N |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|
ADC5030-M2C ADC5030-M2S ADC5020-M2S ADC5020-M2C AD |
Analog to Digital Converter Half-/Full-Bridge N-Channel Power MOSFET Drivers; Package: SO; No of Pins: 24; Temperature Range: -40°C to 85°C Half-/Full-Bridge N-Channel Power MOSFET Drivers; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 模数转换 Half-/Full-Bridge N-Channel Power MOSFET Drivers; Package: SO; No of Pins: 24; Temperature Range: -40°C to 85°C
|
Omron Electronics, LLC
|
ISL28288FBZ-T7 |
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R DUAL OP-AMP, 2000 uV OFFSET-MAX, 0.3 MHz BAND WIDTH, PDSO8
|
Intersil, Corp.
|
EIC256S08D01-100D EIC256S08C01-085D EIC256S08C01-1 |
3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP 3.3V Full Duplex, 500kbps Slew Rate Limited, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC x8的SRAM 3.3V Full Duplex, 500kbps Slew Rate Limited, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-MSOP 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP
|
Advanced Micro Devices, Inc.
|
|