PART |
Description |
Maker |
UPC1658G UPC1658G-E1 |
RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Low Noise, High Frequncy Si MMIC Amplifier(低噪声高频率放大 LOW NOISE/ HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE HIGH FREQUENCY Si MMIC AMPLIFIER
|
NEC Corp. NEC[NEC]
|
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
AD603SQ/883B AD603 AD603SQ883B |
Low noise, 90 MHz variable-gain amplifier Low Noise, 90 MHz Variable Gain Amplifier Low Noise, Voltage-Controlled Amplifier For Use In RF And IF AGC Systems
|
Analog Devices, Inc.
|
ISL6566CR ISL6566IR ISL6566CRZ |
Single Output LDO, 500mA, Adj. (1.3 to 6.5V), Low Noise 8-SOIC -40 to 125 Dual Low-Noise Wide-Bandwidth Precision Amplifier 8-TSSOP -40 to 85
|
Intersil Corporation
|
TGA8310 TGA8310-SCC |
Low-Noise Amplifier Monolithic low - noise distributed amplifier
|
TriQuint Semiconductor,Inc. TRIQUINT[TriQuint Semiconductor]
|
AMMC-6231 |
AMMC-6231 · 16-32 GHz Low Noise Amplifier 16?2 GHz Low Noise Amplifier
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HA1-5104_883 HA-5104883 HA-5104/883 |
Op Amp, Quad 8MHz, Unity Gain Stable, Low Noise, 883 Compliant Low Noise, High Performance, Quad Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
AN-940 |
Low Noise Amplifier Selection Guide for Optimal Noise Performance
|
Analog Devices
|
2N3799 |
PNP,Low Noise Amplifier Transistor(低噪声、放大器型PNP晶体 PNP LOW NOISE AMPLIFIER TRANSISTOR PNP, LOW NOISE AMPLIFIER TRANSISTOR
|
TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|