PART |
Description |
Maker |
QU80C186EC25 ES80C188EC20 INTELCORP-KU80C188EC20 E |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 80C186EC/80C188EC AND 80L186EC/80L188EC 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
|
Intel Corporation
|
N80188 |
HIGH-INTEGRATION 16-BIT MICROPROCESSORS
|
Intel Corp.
|
80186 80188 |
HIGH-INTEGRATION 16-BIT MICROPROCESSORS
|
Intel
|
80C188EB 80L186EB TS80L186EB 80C..6EB |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
|
Intel Corporation Intel Corp.
|
MG80C186 |
CHMOS High Integration 16-Bit Microprocessor
|
Intel
|
S80L188EB13 S80L188EB16 S80L188EB8 |
16-bit high-integration embedded processor. 13 MHz, 3 V 16-bit high-integration embedded processor. 16 MHz, 3 V 16-bit high-integration embedded processor. 8 MHz, 3 V
|
Intel
|
TS80L188EC16 S80L188EC13 TS80L188EC13 TKU80L186EC1 |
16-bit high-integration embedded processor. 16 MHz, 3 V 16-bit high-integration embedded processor. 13 MHz, 3 V 16-bit high-integration embedded processor. 13 MHz, 5 V 16-bit high-integration embedded processor. 20 MHz, 5 V 16-bit high-integration embedded processor. 25 MHz, 5 V
|
Intel
|
A3024SO20A A3024SO20B A3024DL20A A3024 |
Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
|
EMMICRO[EM Microelectronic - MARIN SA]
|
SLA902F SLA90XF |
(SLA9000F Series) High Speed / High Integration Gate Array
|
EPSON
|
IR80188B |
High Integration 8-Bit Microprocessor
|
Advanced Micro Devices
|
10-F107ZAA060SM-L515B19 |
High integration level of Rectifier, PFC and Inverter
|
Vincotech
|