PART |
Description |
Maker |
HT7610 |
General Purpose PIR Controller
|
HOLTEK[Holtek Semiconductor Inc]
|
MX98725 |
Single Chip 10/100Mbps Base-T Fast Ethernet NIC Controller,Additionally
Supports ACPI, Remote-Wake-Up, Remote-Power-On,Up to 256K Bytes Flash
|
Macronix International Co., Ltd.
|
5962-8862801VYA 5962-8862801VYC UT1553B 5962-88628 |
RTI Remote Terminal Interface RTI的远程终端接 BCRT Bus Controller/Remote Terminal/Monitor
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers List of Unclassifed Man...
|
ADT7468 ADT7468ARQ-REEL7 ADT7468ARQ ADT7468ARQ-REE |
dBCool??Remote Thermal Controller and Voltage Monitor dBCool⑩ Remote Thermal Controller and Voltage Monitor
|
AD[Analog Devices]
|
ADT7463ARQ EVAL-ADT7463EB ADT7463ARQ-REEL ADT7463A |
dB COOL垄芒 Remote Thermal Controller and Voltage Monitor dB COOL Remote Thermal Controller and Voltage Monitor dB COOL?Remote Thermal Controller and Voltage Monitor
|
ON Semiconductor
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
RX2C |
5-Function Remote Controller
|
Actions Semiconductor
|
PT8A9701P PT8A974L PT8A974LP PT8A974P |
8-Function Remote Controller
|
Pericom Semiconductor Corp. Pericom Semiconductor Corporation
|
PT8A971AP PT8A972AP |
5-Function Remote Controller
|
Electronic Theatre Controls, Inc.
|
RX-3 |
REMOTE CONTROLLER WITH TWO FUNCTIONS
|
杭州士景电子有限公司 SILAN[Silan Microelectronics Joint-stock]
|