PART |
Description |
Maker |
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
MAX6701 MAX6701KA-T MAX6701AKA-T MAX6701-MAX6708 M |
4.63 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer 2.63 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer 2.32 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer 4.38 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer TV 6C 6#22D SKT RECP 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low-Voltage, SOT23 レP Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer 3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low-Voltage, SOT23 P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer 3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low-Voltage, SOT23 レP Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low-Voltage, SOT23 レP Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Rocker Switch; Leaded Process Compatible:Yes; Contact Rating:10A at 250VAC; Mounting Type:Panel; Switch Features:Neon Lighted Rocker; Switch Function:DPDT RoHS Compliant: Yes JT 61C 61#20 PIN WALL RECP LOW-VOLTAGE, SOT23 ヌP SUPERVISORS WITH POWER- FAIL IN/OUT, MANUAL RESET, AND WATCHDOG TIMER Low-Voltage, SOT23 ?? Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer Low-Voltage, SOT23 μP Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer Low-Voltage / SOT23 P Supervisors with Power- Fail In/Out / Manual Reset / and Watchdog Timer Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 2.19 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer 3.08 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
MM1095BF MM1095 MM1095AD MM1095AF MM1095AS MM1095B |
System Reset (with built-in watchdog timer) System Reset (Built-in Watch Dog Timer)
|
http:// Mitsumi Electronics, Corp. MITSUMI ELECTRIC
|
IRF6217 IRF6217TR |
-150V Single P-Channel HEXFET Power MOSFET in a SO-8 package HEXFET Power MOSFET(Reset Switch for Active Clamp Reset DC to DC converters)
|
IRF[International Rectifier]
|
63FE 25ET 12CT 71FE 10CT 20CT 40ET 80ET 6CT 56ET 3 |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems 3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Microprocessor Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Low-Power, SPST, Fast, CMOS Analog Switch Dual/Quad RF/Video Switches 1024k NV SRAM with Phantom Clock Single/Dual/Quad, 10MHz Single-Supply Op Amps Fuse 保险
|
Air Cost Control
|
2SD1244 0325 2SD1244Q 2SD1244R |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 5A I(C) | SC-71 晶体管|晶体管|叩| 20V的五(巴西)总裁| 5A条一(c)|律师- 71 Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay From old datasheet system
|
NEC, Corp. Matsshita / Panasonic
|
PCA9546A PCA9546ABS PCA9546AD |
4-channel I2C switch with reset
|
NXP Semiconductors
|
FTL11639 FTL11639UCX |
Configurable Load Switch and Reset Timer
|
ON Semiconductor
|
S24023SAT S24023SBT S24023S2.7 S24023S2.7T S24023S |
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
|
Summit Microelectronics, In... SUMMIT[Summit Microelectronics, Inc.]
|
MCP100T-270I_TT MCP100T-300I_TT MCP100T-315I_TT MC |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d CPU / System Supervisors Microcontroller Supervisory Circuit with Push-Pull Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
|