PART |
Description |
Maker |
M59PW064 M59P064110N1T M59P064100M1T M59P064100N1T |
64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory 64兆位Mb的x16插槽,统一座)3V电源LightFlash记忆 64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
M29KW064E M29KW064E110ZA1T |
64 Mbit 4Mb x16, Uniform Block 3V Supply LightFlashMemory 64兆位4Mb的x16插槽,统一V电源LightFlash⑩记
|
意法半导 STMicroelectronics N.V.
|
M58LW064B M58LW064A 7239 |
64 Mbit (4Mb x16 or 2Mb x32, Uniform Block) 3V Supply Flash Memories From old datasheet system
|
STMicroelectronics
|
M58LV064A150ZA1T M58LV064A150ZA6T M58LV064B150N1T |
64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories 64兆位4Mb的x16或功能的2Mb X32号,统一座,突发3V电源闪存
|
STMicroelectronics N.V.
|
M29F032D M29F032D70 7946 M29F032D70N1 M29F032D70N1 |
32 MBIT (4MB X8, UNIFORM BLOCK) 5V SUPPLY FLASH MEMORY 32 Mbit 4Mb x8 / Uniform Block 5V Supply Flash Memory 32 MBIT (4MB X8, UNIFORM BLOCK) 5V SUPPLY FLASH MEMORY 32 Mbit 4Mb x8 Uniform Block 5V Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29KW016E 8769 M29KW016E90ZA1T M29KW016E110M1T M29 |
16 MBIT (1MB X16, UNIFORM BLOCK)3V SUPPLY LIGHTFLASHMEMORY 16 Mbit (1Mb x16 / Uniform Block) 3V Supply LightFlash Memory 16 MBIT (1MB X16, UNIFORM BLOCK)3V SUPPLY LIGHTFLASH? MEMORY From old datasheet system 16 Mbit (1Mb x16, Uniform Block) 3V Supply LightFlash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M58LW032A90ZA6T M58LW032A90ZA1T M58LW032A90N6T M58 |
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory 32兆位Mb x16插槽,统一座,突发3V电源快闪记忆 32 Mbit 2Mb x16 / Uniform Block / Burst 3V Supply Flash Memory
|
STMicroelectronics N.V. ST Microelectronics
|
M58MR064-ZCT M58MR064D120ZC6T M58MR064C100ZC6T M58 |
64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory 64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory 64兆位4Mb的x16插槽,复用的I / O,双行,突发1.8V电源快闪记忆
|
STMicroelectronics N.V. 意法半导
|
M29W641DH12ZA1E M29W641DH12ZA1F M29W641DH12ZA6E M2 |
4M X 16 FLASH 3V PROM, 70 ns, PDSO48 Low-Power Single Bus Buffer Gate with 3-State Output 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single 2-Input Positive-AND Gate 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single Schmitt-Trigger Buffer 5-SOT-23 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Shielded Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Low-Power Single 2-Input Positive-AND Gate 5-SOT-23 -40 to 85 Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes 64 Mbit 4Mb x16 / Uniform Block 3V Supply Flash Memory Low-Power Single Buffer/Driver with Open-Drain Outputs 5-DSBGA -40 to 85
|
NUMONYX STMicroelectronics N.V. 意法半导 ST Microelectronics
|
M28W640C-ZBT M28W640CB80N6T M28W640CB80N1T M28W640 |
64 Mbit 4Mb x16/ Boot Block 3V Supply Flash Memory 64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
|
ST Microelectronics SGS Thomson Microelectronics
|
M28W640ECT M28W640ECB M28W640ECB70N6 M28W640ECB70N |
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory 64 Mbit 4Mb x16/ Boot Block 3V Supply Flash Memory 64 MBIT (4MB X16, BOOT BLOCK)3V SUPPLY FLASH MEMORY
|
STMICROELECTRONICS[STMicroelectronics]
|
M29W320DB70N6AT M29W320DB70N6E M29W320DB70ZA6 M29W |
32 MBIT (4MB X8 OR 2MB X16 BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
ST Microelectronics
|