PART |
Description |
Maker |
E28F010-65 N28F010-65 F28F010-65 P28F010-65 E28F01 |
1024K (128K x 8) CMOS FLASH MEMORY 1024K (128K x 8) CMOS FLASH MEMORY 128K X 8 FLASH 12V PROM, 150 ns, PDSO32
|
Intel Corporation Intel, Corp. Intel Corp.
|
EN29LV160B-70TP EN29LV160B-90BP EN29LV160B-90TIP E |
16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only 16兆位048K × 8 1024K x 16位)闪存引导扇区闪存,CMOS 3.0伏,
|
Eon Silicon Solution, Inc.
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
CAT28F001N-15TT CAT28F001P-70B CAT28F001N-15BT CAT |
128K X 8 FLASH 12V PROM, 150 ns, PDIP32 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 128K X 8 FLASH 12V PROM, 70 ns, PDIP32 PLASTIC, DIP-32 x8 Flash EEPROM x8闪存EEPROM 1 Megabit CMOS Boot Block Flash Memory
|
Ironwood Electronics Atmel, Corp. Rectron Semiconductor http://
|
EN29LV800B70RSIP EN29LV800T70RSIP EN29LV800B70RS E |
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only 8兆位024K × 812k × 16位)闪存引导扇区闪存,CMOS 3.0伏, 122 x 32 pixel format, LED or EL Backlight available
|
Electronic Theatre Controls, Inc. Eon Silicon Solution Inc.
|
MX26C1000BTC-10 MX26C1000BMC-10 MX26C1000BPC-10 MX |
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:12A; Leaded Process Compatible:Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-On; Contact Current Max:12A; Leaded Process Compatible:Yes 128K X 8 FLASH 12V PROM, 150 ns, PDIP32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PDIP32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Macronix International Co., Ltd.
|
EN29LV160BB-70TIP EN29LV160BB-70BIP EN29LV160BT-70 |
16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
|
Eon Silicon Solution Inc.
|
EN29SL800T-90TC EN29SL800T-90TCP EN29SL800T-90TI E |
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
|
Eon Silicon Solution Inc.
|
EN29LV160B-90B EN29LV160B-90BI EN29LV160B-90BIP EN |
16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
|
Eon Silicon Solution Inc.
|
EN29LV160JT70S EN29LV160JT70SI EN29LV160JT70SIP EN |
16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
|
ETC
|
AM29LV001BT-45RFCB AM29LV001BT-45RFIB AM29LV001BT- |
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 45 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位28亩8位)的CMOS 3.0伏,只引导扇区闪 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位128亩8位)的CMOS 3.0伏,只引导扇区闪
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|