PART |
Description |
Maker |
M27V800-150XM1TR M27V800 M27V800-100B1TR M27V800-1 |
NND - 8 MBIT (1MB X8 OR 512KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM 8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM 8兆x812KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M29F800D M29F800DB M29F800DB55N1F M29F800DT90M6E - |
8 Mbit (1Mb x8 or 512Kb x16 / Boot Block) 5V Supply Flash Memory 8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆
|
ST Microelectronics STMicroelectronics N.V.
|
M29W800DB45M6E M29W800DB45M6F M29W800DB45M6T M29W8 |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
M29W800AT04 |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
|
STMicroelectronics
|
M27C800-100B1TR M27C800-100B6TR M27C800-100F1TR M2 |
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM
|
意法半导 STMicroelectronics ST Microelectronics
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C400 6674 M27C400-80XF6TR M27C400-100B1TR M27C4 |
AML42 Series, Solid State Indicator, Square, Compact Style, Lighted, 1 LED, Snap in panel mount 4兆位512KB的x856Kb的x16紫外线存储器和OTP存储 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16紫外线存储器和OTP存储 4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM From old datasheet system
|
Advanced Micro Devices, Inc. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M29F100B |
NND - 1 MBIT (128KB X 8 OR 64KB X 16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY
|
SGS Thomson Microelectronics
|
27C4001 M27C4001 M27C4001-10B1 M27C4001-10B1TR M27 |
From old datasheet system 4 Mbit (512Kb x 8) UV EPROM and OTP EPROM 4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
|
ST Microelectronics STMicroelectronics
|
M29W800T90M5R M29W800T90N5R M29W800B M29W800T90N5T |
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory Low-Power Single Postitive-Edge-Triggered D-Type Flip-Flop 5-DSBGA -40 to 85 8兆x812KB的x16插槽,引导块低压单电源闪 LED Lamp; Bulb Size:T-1 3/4; LED Color:Red; Luminous Intensity:5mcd; Viewing Angle:60 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Red; Luminous Intensity:150ucd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Red; Luminous Intensity:18ucd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes 8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Low Voltage Single Supply Flash Memory 122 x 32 pixel format, LED or EL Backlight available
|
STMicroelectronics N.V. ST Microelectronics 意法半导
|
M36W108 M36W108B M36W108B100ZM1T M36W108B100ZM5T M |
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|