PART |
Description |
Maker |
7001218 700624 700610 700530 |
3M Moisture Barrier Bag Dri-Shield 2000 3M Moisture Barrier Bag Dri-Shield 2000
|
3M Electronics
|
MM80C95 MM80C97 MM80C98 MM80C95N MM80C98N MM80C97M |
From old datasheet system 3-STATE Hex Buffers • 3-STATE Hex Inverters 3-STATE Hex Buffers 3-STATE Hex Inverters 3-STATE Hex Buffers 3-STATE Hex Inverters CMOS SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDIP16 3-STATE Hex Buffers 3-STATE Hex Inverters CMOS SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDSO16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IDT74FCT163827A IDT74FCT163827C IDT74FCT163827CPV |
3.3V CMOS 20-BIT BUFFERS CAP 39UF 35V ELECT FC RADIAL FCT SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
AM27C020 AM27C020-120 AM27C020-120DC5 AM27C020-120 |
2 Megabit (256 K x 8-Bit) CMOS EPROM Octal bus transceivers 20-SSOP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 2兆位56亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 256K X 8 UVPROM, 55 ns, CDIP32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 2兆位56亩8位)的CMOS存储 Octal bus transceivers 20-SOIC 0 to 70 256K X 8 OTPROM, 55 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位256亩8位)的CMOS存储 BCD-To-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 2兆位256亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位56亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP 0 to 70 RES 1.5K-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 megabit CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD [Advanced Micro Devices] AMD[Advanced Micro Devices]
|
ST72521R7 ST72F521R7 ST72521AR7 |
Octal Buffers/Line Drivers With 3-State Outputs 24-SOIC -40 to 85 8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
|
意法半导 ST Microelectronics
|
M27V320-150N6 M27V320 M27V320-100M1 M27V320-100M6 |
2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 32兆位4Mb的x8或检察官办公室的2Mb x16存储 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TVSOP -40 to 85 32 Mbit 4Mb x8 or 2Mb x16 OTP EPROM 32 MBIT (4MB X8 OR 2MB X16) OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PI74FCT16827T PI74FCT16827ET PI74FCT162827AT PI74F |
Fast CMOS 20-Bit Buffers
|
PERICOM[Pericom Semiconductor Corporation] Pericom Technology
|
PI74LCX827 |
Fast CMOS 3.3V 10-Bit Buffers
|
Pericom Semiconductor Corporation
|
ST72321R9 ST723216 |
8-BIT MCU WITH NESTED INTERRUPTS. FLASH.10-BIT ADC. FIVE TIMERS. SPI. SCI. I2C INTERFACE 8位微控制器嵌套中断FLASH.10位ADC5个定时器。的SPI。脊髓损伤I2C接口 Octal Buffers/Drivers With 3-State Outputs 24-PDIP -40 to 85
|
STMicroelectronics N.V.
|
HD74ALVCH16827 |
20-bit Buffers / Drivers with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
AM27C4096 AM27C4096-100DC AM27C4096-100DCB AM27C40 |
6-bit buffers and line drivers 16-SO 0 to 70 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 OTPROM, 200 ns, PQCC44 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 UVPROM, 200 ns, CDIP40 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 OTPROM, 200 ns, PDIP40 TV 37C 37#22D SKT PLUG 256K X 16 OTPROM, 100 ns, PDIP40 4 Megabit (256 K x 16-Bit) CMOS EPROM 4兆位56亩16位)的CMOS存储 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 UVPROM, 90 ns, CDIP40 TV 10C 10#20 PIN PLUG 6-bit buffers and line drivers 16-PDIP 0 to 70 TV 37C 37#22D PIN PLUG TV 18C 18#20 SKT WALL RECP TV 19C 19#20 PIN WALL RECP TV 10C 10#20 SKT PLUG 6-bit buffers and line drivers 16-SOIC 0 to 70 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:10; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
HD74LVC16540 |
16-bit Buffers / Line Drivers with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|